Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCD5704 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCD5704
Description  Rambus TM XDR TM CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704 Datasheet(HTML) 4 Page - Texas Instruments

  CDCD5704 Datasheet HTML 1Page - Texas Instruments CDCD5704 Datasheet HTML 2Page - Texas Instruments CDCD5704 Datasheet HTML 3Page - Texas Instruments CDCD5704 Datasheet HTML 4Page - Texas Instruments CDCD5704 Datasheet HTML 5Page - Texas Instruments CDCD5704 Datasheet HTML 6Page - Texas Instruments CDCD5704 Datasheet HTML 7Page - Texas Instruments CDCD5704 Datasheet HTML 8Page - Texas Instruments CDCD5704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Command Code Definition
Serial Interface Generic Programming Sequence
M0053-01
1
7
1
1
8
1
1
S
S
Slave Address
Wr
A
DataByte
A
P
StartCondition
Sr
RepeatedStartCondition
Rd
Read(BitValue=1)
Wr
Write(BitValue=0)
A
Acknowledge(ACK=0andNACK=1)
P
StopCondition
PE
PacketError
Master-to-Slave Transmission
Slave-to-Master Transmission
Byte-Write Programming Sequence
Byte-Read Programming Sequence
CDCD5704
SCAS823 – DECEMBER 2006
Bit
Description
C7
1 = byte-write/-read or word-write/-read operation
(C6:C0)
Byte offset for byte-write/-read or word-write/-read operation
Command Code for Byte-Write/-Read
Hex Code
C7
C6
C5
C4
C3
C2
C1
C0
Operation
Byte 0
80h
1
0
0
0
0
0
0
0
Byte 1
81h
1
0
0
0
0
0
0
1
Byte 2
82h
1
0
0
0
0
0
1
0
Command Code for Word-Write/-Read
Hex Code
C7
C6
C5
C4
C3
C2
C1
C0
Operation
Word 0: Byte 0 and byte 1
80h
1
0
0
0
0
0
0
0
Word 1: Byte 1 and byte 2
81h
1
0
0
0
0
0
0
1
1
7
1
1
8
1
8
1
1
S
Slave Address
Wr
A
Command Code
A
Data Byte
A
P
1
7
1
1
8
1
1
7
1
1
S
Slave Address
Wr
A
Command Code
A
S
Slave Address
Rd
A
8
1
1
...
Data Byte
A
P
1
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com