Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCD5704 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCD5704
Description  Rambus TM XDR TM CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704 Datasheet(HTML) 1 Page - Texas Instruments

  CDCD5704 Datasheet HTML 1Page - Texas Instruments CDCD5704 Datasheet HTML 2Page - Texas Instruments CDCD5704 Datasheet HTML 3Page - Texas Instruments CDCD5704 Datasheet HTML 4Page - Texas Instruments CDCD5704 Datasheet HTML 5Page - Texas Instruments CDCD5704 Datasheet HTML 6Page - Texas Instruments CDCD5704 Datasheet HTML 7Page - Texas Instruments CDCD5704 Datasheet HTML 8Page - Texas Instruments CDCD5704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
11
8
12
9
13
10
14
28
27
26
25
24
23
22
18
21
17
20
16
19
15
VDDP
VSSP
ISET
VSS
REFCLK
REFCLKB
VDDC
EN
VSSC
ID0
SCL
ID1
SDA
BYPASS
VDD
CLK0
CLK0B
VSS
CLK1
CLK1B
VDD
VSS
VSS
CLK3
CLK2
CLK3B
CLK2B
VDD
PWPACKAGE
(TOP VIEW)
P0043-01
APPLICATIONS
DESCRIPTION
CDCD5704
SCAS823 – DECEMBER 2006
Rambus™ XDR™ CLOCK GENERATOR
• High-Speed Clock Support: 300-MHz–667-MHz
Clock Source for XDR Memory Subsystems
and Redwood Logic Interface
• Quad (Open-Drain) Differential Output Drivers
• Spread-Spectrum Compatible Clock Input Can
Be Distributed to Minimize EMI
• Differential or Single-Ended Reference Clock
Input of 100 MHz or 133 MHz
• Serial Interface Features: Programmable
Frequency Multiplier, Select Any One to Four
Outputs and Mode of Operation
• Supports Frequency Multiplication Factors of:
×3, ×4, ×5, ×6, ×8, ×9/2, ×15/2, ×15/4
• All PLL Loop Filter Components Are
Integrated
• Low |Cycle-to-Cycle| of 1–6 Cycle Jitter:
–
40 ps: 300–635 MHz
–
30 ps: 636–667 MHz
• PLLs Are Powered Down if No Valid REF
Clock (<10 MHz) Is Detected or VDD Is Below
1.6 V
• Operates From Single 2.5-V Supply (±0.125 V)
• Packaged in TSSOP-28
• Commercial Temperature Range 0°C to 70°C
• XDR Memory Subsystem and Redwood Logic
Interface
The CDCD5704 clock generator provides the necessary clock signals to support an XDR memory subsystem
and Redwood logic interface using a reference clock input with or without spread-spectrum modulation.
Contained in a 28-pin TSSOP package that includes four differential clock outputs, the CDCD5704 provides an
off-the-shelf solution for a broad range of high-performance interface applications.
The block diagram shows the major components of the CDCD5704, which include a phase-locked loop, a
bypass multiplexer, and four differential output buffers (CLK0 to CLK3). All four outputs can be disabled by a
logical low at the input of the EN pin. An output is enabled when EN is high and a value of 1 is in its serial
interface register (RegA–RegD).
The PLL receives a reference clock input signal, REFCLK, and outputs a clock signal at a frequency equal to the
input frequency times the multiplication factor. The PLL output clock signal is fed to the differential output buffers
to drive the enabled clocks. Disabled outputs are set to high impedance.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Rambus, XDR are trademarks of Rambus Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCD5704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
309Kb / 19P
Rambus XDR CLOCK GENERATOR
CDCD5704PW TI-CDCD5704PW Datasheet
309Kb / 19P
Rambus XDR CLOCK GENERATOR
CDCD5704PWG4 TI-CDCD5704PWG4 Datasheet
309Kb / 19P
Rambus XDR CLOCK GENERATOR
CDCD5704PWR TI-CDCD5704PWR Datasheet
309Kb / 19P
Rambus XDR CLOCK GENERATOR
CDCD5704PWRG4 TI-CDCD5704PWRG4 Datasheet
309Kb / 19P
Rambus XDR CLOCK GENERATOR
More results

Similar Description - CDCD5704

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX8335 MCNIX-MX8335 Datasheet
40Kb / 6P
RAMBUS CLOCK GENERATOR
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
Direct Rambus Clock Generator
CY24206 CYPRESS-CY24206 Datasheet
70Kb / 5P
MediaClock - TM DTV, STB Clock Generator
CY22313 CYPRESS-CY22313 Datasheet
159Kb / 9P
Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
logo
Integrated Circuit Syst...
ICS9214 ICST-ICS9214 Datasheet
216Kb / 16P
Rambus XDR Clock Generator
logo
Samsung semiconductor
K4Y50164UC SAMSUNG-K4Y50164UC Datasheet
3Mb / 76P
512Mbit XDR TM DRAM(C-die)
logo
Texas Instruments
CDCD5704 TI-CDCD5704_07 Datasheet
309Kb / 19P
Rambus XDR CLOCK GENERATOR
logo
Cypress Semiconductor
CY24271 CYPRESS-CY24271 Datasheet
322Kb / 13P
Rambus짰 XDR??Clock Generator
CY24271 CYPRESS-CY24271_11 Datasheet
533Kb / 16P
Rambus XDR??Clock Generator
CY24272 CYPRESS-CY24272_11 Datasheet
548Kb / 16P
Rambus XDR??Clock Generator with Zero SDA Hold Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com