Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCD5704 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCD5704
Description  Rambus TM XDR TM CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCD5704 Datasheet HTML 3Page - Texas Instruments CDCD5704 Datasheet HTML 4Page - Texas Instruments CDCD5704 Datasheet HTML 5Page - Texas Instruments CDCD5704 Datasheet HTML 6Page - Texas Instruments CDCD5704 Datasheet HTML 7Page - Texas Instruments CDCD5704 Datasheet HTML 8Page - Texas Instruments CDCD5704 Datasheet HTML 9Page - Texas Instruments CDCD5704 Datasheet HTML 10Page - Texas Instruments CDCD5704 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION OF THE LOGIC
PLL Multiplication Factor Selection
Modes of Operation
CDCD5704
SCAS823 – DECEMBER 2006
Output Frequency (MHz)
Multiplication
Mult2
Mult1
Mult0
Factor
REFCLK = 100 MHz
REFCLK = 133 MHz
0
0
0
3
300
400
0(1)
0(1)
1(1)
4(1)
400
533
0
1
0
5
500
667
0
1
1
6
600
800(2)
1
0
0
8
800(2)
–(2)
1
0
1
9/2
450
600
1
1
0
15/2
750(2)
–(2)
1
1
1
15/4
375
500
(1)
Default settings after power up
(2)
Output at this frequency does not conform to all the ac device characteristics in the Device Characteristics table, or ouput frequency is
not supported.
EN
BYPASS
Reg-Test
RegA
RegB
RegC
RegD
CLK0
CLK1
CLK2
CLK3
L
X
X
X
X
X
X
HI-Z
HI-Z
HI-Z
HI-Z
H
X
1
X
X
X
X
RESERVED FOR VENDOR TEST
H
L
0
X
X
X
X
REFCLK
REFCLK
REFCLK
REFCLK
H
H
0
0
0
0
0
HI-Z
HI-Z
HI-Z
HI-Z
H
H
0
1
0
0
0
PLL CLK
HI-Z
HI-Z
HI-Z
H
H
0
0
1
0
0
HI-Z
PLL CLK
HI-Z
HI-Z
H
H
0
1
1
0
0
PLL CLK
PLL CLK
HI-Z
HI-Z
H
H
0
0
0
1
0
HI-Z
HI-Z
PLL CLK
HI-Z
H
H
0
1
0
1
0
PLL CLK
HI-Z
PLL CLK
HI-Z
H
H
0
0
1
1
0
HI-Z
PLL CLK
PLL CLK
HI-Z
H
H
0
1
1
1
0
PLL CLK
PLL CLK
PLL CLK
HI-Z
H
H
0
0
0
0
1
HI-Z
HI-Z
HI-Z
PLL CLK
H
H
0
1
0
0
1
PLL CLK
HI-Z
HI-Z
PLL CLK
H
H
0
0
1
0
1
HI-Z
PLL CLK
HI-Z
PLL CLK
H
H
0
1
1
0
1
PLL CLK
PLL CLK
HI-Z
PLL CLK
H
H
0
0
0
1
1
HI-Z
HI-Z
PLL CLK
PLL CLK
H
H
0
1
0
1
1
PLL CLK
HI-Z
PLL CLK
PLL CLK
H
H
0
0
1
1
1
HI-Z
PLL CLK
PLL CLK
PLL CLK
H
H
0(1)
1(1)
1(1)
1(1)
1(1)
PLL CLK
PLL CLK
PLL CLK
PLL CLK
(1)
Default settings after power up
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com