Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCD5704 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCD5704
Description  Rambus TM XDR TM CLOCK GENERATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704 Datasheet(HTML) 3 Page - Texas Instruments

  CDCD5704 Datasheet HTML 1Page - Texas Instruments CDCD5704 Datasheet HTML 2Page - Texas Instruments CDCD5704 Datasheet HTML 3Page - Texas Instruments CDCD5704 Datasheet HTML 4Page - Texas Instruments CDCD5704 Datasheet HTML 5Page - Texas Instruments CDCD5704 Datasheet HTML 6Page - Texas Instruments CDCD5704 Datasheet HTML 7Page - Texas Instruments CDCD5704 Datasheet HTML 8Page - Texas Instruments CDCD5704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
SERIAL INTERFACE
Serial Interface Operation Requirement
Serial Interface Device Address
CDCD5704
SCAS823 – DECEMBER 2006
Table 1. TERMINAL FUNCTIONS
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
BYPASS
14
Input
If 0, the PLL is bypassed and the PLL is switched off.
CLK0
27
Output
Output for Clock0
CLK0B
26
Output
Complementary output for Clock0
CLK1
24
Output
Output for Clock1
CLK1B
23
Output
Complementary output for Clock1
CLK2
20
Output
Output for Clock2
CLK2B
19
Output
Complementary output for Clock2
CLK3
17
Output
Output for Clock3
CLK3B
16
Output
Complementary output for Clock3
EN
11
Input
Output enable; if 0, all outputs are disabled.
ID0
12
Input
Device ID, bit 0
ID1
13
Input
Device ID, bit 1
ISET
3
Output
Set clock driver current with external resistor
REFCLK
5
Input
Reference clock input
REFCLKB
6
Input
Complementary reference clock input
SCL
9
Input
Serial interface clock, 3.3-V compatible
SDA
10
Input
Serial interface data, 3.3-V compatible
VDD
15, 22, 28
Power
2.5-V power supply for outputs
VDDC
7
Power
2.5-V power supply for core
VDDP
1
Power
2.5-V power supply for PLL
VSS
4, 18, 21, 25
Ground
Ground
VSSC
8
Ground
Ground for core
VSSP
2
Ground
Ground for PLL
The following section describes the serial interface programming. In general, the serial interface slave supports
byte-write/-read and word-write/-read protocol as defined in the SMBus or I2C specification.
The internal timing of the serial interface logic block in the CDCD5704 requires a timing reference derived from
the input clock (REFCLK). A reference clock must be present at the REFCLK pin for the serial interface to be
operational.
A6
A5
A4
A3
A2
A1
A0
W/R
1
1
0
1
1
ID1
ID0
0/1
The device-ID is determined by the external pins ID0 and ID1. They are part of the device 8-bit address.
Therefore, four different devices (00, 01, 10, and 11) can be addressed via the same serial interface. The least
significant bit of the address designates a write or read operation.
R/W Bit:
0 = write to CDCD5704 device
1 = read from CDCD5704 device
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com