Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P018F Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD78P018F
Description  MOS INTEGRATED CIRCUIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P018F Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD78P018F Datasheet HTML 1Page - Renesas Technology Corp UPD78P018F Datasheet HTML 2Page - Renesas Technology Corp UPD78P018F Datasheet HTML 3Page - Renesas Technology Corp UPD78P018F Datasheet HTML 4Page - Renesas Technology Corp UPD78P018F Datasheet HTML 5Page - Renesas Technology Corp UPD78P018F Datasheet HTML 6Page - Renesas Technology Corp UPD78P018F Datasheet HTML 7Page - Renesas Technology Corp UPD78P018F Datasheet HTML 8Page - Renesas Technology Corp UPD78P018F Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
©
DATA SHEET
DESCRIPTION
The
µPD78P018F is a member of the µPD78018F Subseries within the 78K/0 Series. The internal mask ROM of
the
µPD78018F is replaced with one-time PROM or EPROM.
Because the
µPD78P018F can be programmed by users, it is suited for applications involving the evaluation of
systems in development stages, small-scale production of many different products, and rapid development and time-
to-market of new products.
Caution
The
µPD78P018FDW and 78P018FKK-S are not guaranteed to maintain the reliability level required
for mass production of the customer’s devices.
Use only experimentally or for evaluation
purposes during trial manufacture.
Detailed function descriptions are provided in the following user’s manuals. Be sure to read them before
designing.
µPD78018F, 78018FY Subseries User's Manual: U10659E
78K/0 Series User's Manual–Instructions: U12326E
FEATURES
• Pin compatible with mask ROM version (except VPP pin)
• Internal PROM: 60 Kbytes Note 1
µPD78P018FDW, 78P018FKK-S: Re-programmable (suited for system evaluation)
µPD78P018FCW, 78P018FGC-AB8, 78P018FGK-8A8: Programmable only once (suited for small-scale production)
• Internal high-speed RAM: 1024 bytes Note 1
• Internal expansion RAM: 1024 bytes Note 2
• Internal buffer RAM: 32 bytes
• Operable over same supply voltage range as mask ROM version: VDD = 1.8 to 5.5 V (except an A/D converter)
• QTOPTM microcontroller supported
Notes 1. The capacities of internal PROM and internal high-speed RAM can be changed by means of the internal
memory size switching register (IMS).
2. The capacity of the internal expansion RAM can be changed by means of the internal expansion RAM size
switching register (IXS).
Remarks 1. QTOP Microcontroller is a general term for microcontrollers that incorporate one-time PROM and are totally
supported by NEC's programming service (from programming to marking, screening and verification).
2. For differences between the PROM version and mask ROM versions, refer to 1. DIFFERENCES
BETWEEN
µPD78P018F AND MASK ROM VERSIONS.
In this document, the term PROM is used in parts common to one-time PROM versions and EPROM versions.
MOS INTEGRATED CIRCUIT
µPD78P018F
8-BIT SINGLE-CHIP MICROCONTROLLER
The mark
shows major revised points.
The information in this document is subject to change without notice.
1994
Document No.
U10955EJ3V0DS00 (3rd edition)
Date Published
November 1998 N CP(K)
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com