Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P018F Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD78P018F
Description  MOS INTEGRATED CIRCUIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P018F Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD78P018F Datasheet HTML 35Page - Renesas Technology Corp UPD78P018F Datasheet HTML 36Page - Renesas Technology Corp UPD78P018F Datasheet HTML 37Page - Renesas Technology Corp UPD78P018F Datasheet HTML 38Page - Renesas Technology Corp UPD78P018F Datasheet HTML 39Page - Renesas Technology Corp UPD78P018F Datasheet HTML 40Page - Renesas Technology Corp UPD78P018F Datasheet HTML 41Page - Renesas Technology Corp UPD78P018F Datasheet HTML 42Page - Renesas Technology Corp UPD78P018F Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
37
µPD78P018F
AC Characteristics
(1) Basic Operation (TA = –40 to +85
°C, VDD = 1.8 to 5.5 V)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Cycle time
TCY
Operating on
3.5 V
≤ VDD ≤ 5.5 V
0.4
64
µs
(Min. instruction
main system clock
2.7 V
≤ VDD < 3.5 V
0.8
64
µs
execution time)
1.8 V
≤ VDD < 2.7 V
2.0
64
µs
Operating on subsystem clock
40Note 1
122
125
µs
TI0 input
tTIH0,
3.5 V
≤ VDD ≤ 5.5 V
2/fsam + 0.1Note 2
µs
high-/low-level width
tTIL0
2.7 V
≤ VDD < 3.5 V
2/fsam + 0.2Note 2
µs
1.8 V
≤ VDD < 2.7 V
2/fsam + 0.5Note 2
µs
TI1, TI2 input
fTI1
VDD = 4.5 to 5.5 V
0
4
MHz
frequency
0
275
kHz
TI1, TI2 input
tTIH1,VDD = 4.5 to 5.5 V
100
ns
high-/low-level width
tTIL1
1.8
µs
Interrupt input request
tINTH,
INTP0
3.5 V
≤ VDD ≤ 5.5 V 2/fsam + 0.1Note 2
µs
high-/low-level width
tINTL
2.7 V
≤ VDD < 3.5 V 2/fsam + 0.2Note 2
µs
1.8 V
≤ VDD < 2.7 V 2/fsam + 0.5Note 2
µs
INTP1 to INTP3,
VDD = 2.7 to 5.5 V
10
µs
KR0 to KR7
20
µs
RESET low-level width
tRSL
VDD = 2.7 to 5.5 V
10
µs
20
µs
Notes 1. Value when using an external clock. When a crystal resonator is used, the value becomes 114
µs (MIN.).
2. In combination with bits 0 (SCS0) and 1 (SCS1) of sampling clock select register (SCS), selection of fsam
is possible between fX/2N+1, fX/64, and fX/128 (when N= 0 to 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com