Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P018F Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD78P018F
Description  MOS INTEGRATED CIRCUIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P018F Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD78P018F Datasheet HTML 17Page - Renesas Technology Corp UPD78P018F Datasheet HTML 18Page - Renesas Technology Corp UPD78P018F Datasheet HTML 19Page - Renesas Technology Corp UPD78P018F Datasheet HTML 20Page - Renesas Technology Corp UPD78P018F Datasheet HTML 21Page - Renesas Technology Corp UPD78P018F Datasheet HTML 22Page - Renesas Technology Corp UPD78P018F Datasheet HTML 23Page - Renesas Technology Corp UPD78P018F Datasheet HTML 24Page - Renesas Technology Corp UPD78P018F Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
19
µPD78P018F
3. INTERNAL MEMORY SIZE SWITCHING REGISTER (IMS)
This register is used to disable the use of part of the internal memory by software. By setting this register (IMS),
it is possible to get the same memory map as that of the mask ROM versions with a different internal memory (ROM,
RAM).
IMS is set with an 8-bit memory manipulate instruction.
RESET input sets IMS to CFH.
Figure 3-1. Internal Memory Size Switching Register Format
Note When the external device expansion function is used, the internal ROM capacity should be set to 56 Kbytes
or less.
Table 3-1 shows the setting values of IMS which make the memory map the same as that of the mask ROM versions.
Table 3-1. Internal Memory Size Switching Register Setting Values
Target Mask ROM Versions
IMS Setting Values
µPD78011F
42H
µPD78012F
44H
µPD78013F
C6H
µPD78014F
C8H
µPD78015F
CAH
µPD78016F
CCH
µPD78018F
CFH
0
ROM3
0
ROM2
0
1
ROM1
1
0
ROM0
Selection of Internal ROM
Capacity
0
0
8 Kbytes
01
1
0
16 Kbytes
24 Kbytes
10
0
0
32 Kbytes
10
1
0
40 Kbytes
1
1
0
0
48 Kbytes
1
1
1
0
56 KbytesNote
1
11
1
60 Kbytes
Setting prohibited
Other than above
RAM2
0
1
RAM1
1
1
RAM0
Selection of Internal High-Speed RAM
Capacity
0
0
512 bytes
1024 bytes
Setting prohibited
Other than above
RAM0
RAM1
RAM2
ROM0
ROM2 ROM1
ROM3
IMS
FFF0H
CFH
W
54
Symbol
Address
After reset
R/W
0
76
3
2
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com