Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P018F Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # UPD78P018F
Description  MOS INTEGRATED CIRCUIT
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P018F Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button UPD78P018F Datasheet HTML 60Page - Renesas Technology Corp UPD78P018F Datasheet HTML 61Page - Renesas Technology Corp UPD78P018F Datasheet HTML 62Page - Renesas Technology Corp UPD78P018F Datasheet HTML 63Page - Renesas Technology Corp UPD78P018F Datasheet HTML 64Page - Renesas Technology Corp UPD78P018F Datasheet HTML 65Page - Renesas Technology Corp UPD78P018F Datasheet HTML 66Page - Renesas Technology Corp UPD78P018F Datasheet HTML 67Page - Renesas Technology Corp UPD78P018F Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 78 page
background image
62
µPD78P018F
Remark
The dimensions and materials of ES versions are the same as those of mass-produced versions.
64 PIN PLASTIC LQFP (12
× 12)
ITEM
MILLIMETERS
INCHES
D
F
G
K
I
J
1.125
1.125
1.4
±0.2
0.65 (T.P.)
0.13
14.8
±0.4
Q
0.583
±0.016
0.044
0.044
0.055
±0.008
0.005
0.026 (T.P.)
P64GK-65-8A8-1
A
NOTE
Each lead centerline is located within 0.13 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
C
12.0
±0.2
0.472
M
0.15
0.006
0.125
±0.075
0.005
±0.003
+0.004
–0.003
+0.009
–0.008
A
14.8
±0.4
0.583
±0.016
H0.30
±0.10
0.012+0.004
–0.005
L0.6
±0.2
0.024+0.008
–0.009
N0.10
0.004
P
1.4
0.055
S
R
1.7 MAX.
5
°±5°
0.067 MAX.
5
°±5°
+0.10
–0.05
B
12.0
±0.2
0.472+0.009
–0.008
M
48
49
32
64
1
17
16
33
B
G
HI
J
N
L
K
detail of lead end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com