Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P048A Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # UPD78P048A
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P048A Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button UPD78P048A Datasheet HTML 60Page - Renesas Technology Corp UPD78P048A Datasheet HTML 61Page - Renesas Technology Corp UPD78P048A Datasheet HTML 62Page - Renesas Technology Corp UPD78P048A Datasheet HTML 63Page - Renesas Technology Corp UPD78P048A Datasheet HTML 64Page - Renesas Technology Corp UPD78P048A Datasheet HTML 65Page - Renesas Technology Corp UPD78P048A Datasheet HTML 66Page - Renesas Technology Corp UPD78P048A Datasheet HTML 67Page - Renesas Technology Corp UPD78P048A Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
µPD78P048A
62
Data Sheet U10611EJ2V1DS
10. RECOMMENDED SOLDERING CONDITIONS
The conditions listed below shall be met when soldering the
µPD78P048A.
Please consult with our sales offices in case any other soldering process is used, or in case soldering is done under
different conditions.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Table 12-1. Soldering Conditions for Surface-Mount Type
(1)
µPD78P048AGF-3B9: 80-pin plastic QFP (14 x 20)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C, Duration: 30 sec. max. (at 210 °C or above), IR35-00-3
Number of times: Thrice max.
VPS
Package peak temperature: 215
°C, Duration: 40 sec. max. (at 200 °C or above), VP15-00-3
Number of times: Thrice max.
Wave soldering
Solder bath temperature: 260
°C max. Duration: 10 sec. max.
WS60-00-1
Number of times: Once
Preliminary heat temperature: 120
°C max. (Package surface temperature)
Partial heating
Pin temperature: 350
°C max., Duration: 3 sec. max. (per device side)
—
Caution Using more than one soldering method should be avoided (except in the case of partial heating).
(2)
µPD78P048AGF-3B9-A: 80-pin plastic QFP (14 x 20)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 260
°C, Duration: 60 sec. max. (at 220 °C or higher), IR60-203-3
Count: Three times or less, Exposure limit: 3 days
Note (after that, prebake at 125
°C
for 20 to 72 hours)
Wave soldering
For details, contact an NEC Electronics sales representative.
—
Partial heating
Pin temperature: 350
°C max., Time: 3 seconds. max. (per pin row)
—
Note After opening the dry pack, store it at 25
°C or less and 65% RH or less for the allowable storage period.
Caution
Do not use different soldering methods together (except for partial heating).
Remark Products that have the part numbers suffixed by “-A” are lead-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com