Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P048A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD78P048A
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P048A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD78P048A Datasheet HTML 9Page - Renesas Technology Corp UPD78P048A Datasheet HTML 10Page - Renesas Technology Corp UPD78P048A Datasheet HTML 11Page - Renesas Technology Corp UPD78P048A Datasheet HTML 12Page - Renesas Technology Corp UPD78P048A Datasheet HTML 13Page - Renesas Technology Corp UPD78P048A Datasheet HTML 14Page - Renesas Technology Corp UPD78P048A Datasheet HTML 15Page - Renesas Technology Corp UPD78P048A Datasheet HTML 16Page - Renesas Technology Corp UPD78P048A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
µPD78P048A
11
Data Sheet U10611EJ2V1DS
1.
DIFFERENCES BETWEEN
µPD78P048A AND MASK ROM PRODUCTS
The
µPD78P048A is a single-chip microcontroller with an on-chip one-time writable PROM or with an on-chip
EPROM which has program write, erasure and rewrite capability.
It is possible to make all the functions except for PROM specification, and mask option, to the same as those of
mask ROM products by setting the memory size switching register (IMS) and the internal expansion RAM size
switching register (IXS).
Differences between the
µPD78P048A and mask ROM products (µPD78042F, 78043F, 78044F, and 78045F) are
shown in Table 1-1.
Table 1-1. Differences between
µPD78P048A and Mask ROM Products
Item
µPD78P048A
Mask ROM Products
Internal ROM structure
One-time PROM/EPROM
Mask ROM
Internal ROM capacity
60K bytes
µPD78042F: 16K bytes
µPD78043F: 24K bytes
µPD78044F: 32K bytes
µPD78045F: 40K bytes
Internal high-speed RAM capacity
1024K bytes
µPD78042F: 512 bytes
µPD78043F: 512 bytes
µPD78044F: 1024 bytes
µPD78045F: 1024 bytes
Changes of internal ROM and internal high-speed
AvailableNotes 1
Not available
RAM capacities by memory size switching register
(IMS)
Change of internal expansion RAM capacity by
AvailableNotes 2
Not available
internal expansion RAM size switching register
(IXS)
IC pin
No
Yes
VPP pin
Yes
No
Mask option with internal pull-down resistor for pins
No
Yes
P30-P37, P106, P107, P110-P117, and P120-P127.
Mask option with internal pull-up resistor for pins
No
Yes
P70-P74.
Electrical characteristics
Refer to the Data Sheet for each product.
Notes 1. The internal PROM becomes to 60K bytes and the internal high-speed RAM becomes 1024 bytes by the
RESET input.
2. The internal expansion RAM becomes to 1024 bytes by the RESET input.
Caution Noise resistance and noise radiation are different in PROM version and mask ROM versions. If using
a mask ROM version instead of the PROM version for processes between prototype development
and full production, be sure to fully evaluate the CS of the mask ROM version (not ES).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com