Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P048A Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD78P048A
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P048A Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD78P048A Datasheet HTML 10Page - Renesas Technology Corp UPD78P048A Datasheet HTML 11Page - Renesas Technology Corp UPD78P048A Datasheet HTML 12Page - Renesas Technology Corp UPD78P048A Datasheet HTML 13Page - Renesas Technology Corp UPD78P048A Datasheet HTML 14Page - Renesas Technology Corp UPD78P048A Datasheet HTML 15Page - Renesas Technology Corp UPD78P048A Datasheet HTML 16Page - Renesas Technology Corp UPD78P048A Datasheet HTML 17Page - Renesas Technology Corp UPD78P048A Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
µPD78P048A
12
Data Sheet U10611EJ2V1DS
2. PIN FUNCTION
2.1 Pins in Normal Operating Mode
(1) Port pins (1/2)
Pin Name
Input/Output
Function
On Reset
Dual-Function Pin
P00
Input
Port 0
Input only Input
Input
INTP0/TI0
P01
Input/output
5-bit input/
INTP1
P02
output port
Input
INTP2
P03
INTP3/CI0
P04Note 1
Input
Input only
Input
XT1
P10 to P17
Input/output
Port 1
8-bit input/output port
Input/output is specifiable bit-wise.
Input
ANI0 to ANI7
When used as the input port, it is possible to
use an on-chip pull-up resistor in software.Note 2
P20
Input/output
Input
SI1
P21
SO1
P22
SCK1
P23
STB
P24
BUSY
P25
SI0/SB0
P26
SO0/SB1
P27
SCK0
P30
Input/output
Input
TO0
P31
TO1
P32
TO2
P33
TI1
P34
TI2
P35
PCL
P36
BUZ
P37
–
Notes 1. When the P04/XT1 pins are used as input ports, processor clock control register (PCC) bit 6 (FRC) should
be set to 1 (the subsystem clock oscillator incorporated feedback resistor should not be used).
2. When the P10/ANI0 to P17/ANI7 pins are used as A/D converter analog input, port 1 should be set to the
input mode. The on-chip pull-up resistor is not automatically used.
Input/Output is specifiable bit-wise.
When used as the input port, it is
possible to use an on-chip pull-up
resistor in software.
Port 2
8-bit input/output port
Input/output is specifiable bit-wise.
When used as the input port, it is possible to
use an on-chip pull-up resistor in software.
Port 3
8-bit input/output port
Input/output is specifiable bit-wise.
Direct LED drive capability.
When used as the input port, it is possible to
use an on-chip pull-up resistor in software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com