Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78P048A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD78P048A
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78P048A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD78P048A Datasheet HTML 17Page - Renesas Technology Corp UPD78P048A Datasheet HTML 18Page - Renesas Technology Corp UPD78P048A Datasheet HTML 19Page - Renesas Technology Corp UPD78P048A Datasheet HTML 20Page - Renesas Technology Corp UPD78P048A Datasheet HTML 21Page - Renesas Technology Corp UPD78P048A Datasheet HTML 22Page - Renesas Technology Corp UPD78P048A Datasheet HTML 23Page - Renesas Technology Corp UPD78P048A Datasheet HTML 24Page - Renesas Technology Corp UPD78P048A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
µPD78P048A
19
Data Sheet U10611EJ2V1DS
3. MEMORY SIZE SWITCHING REGISTER (IMS)
This is a register to disable use of part of internal memories by software. By setting this memory size switching
register (IMS), it is possible to get the same memory mapping as that of mask ROM product having different internal
memories.
The IMS is set up by the 8-bit memory manipulation instruction.
CFH will result by the RESET input.
Figure 3-1. Memory Size Switching Register Format
Symbol
IMS
Address
R/W
FFF0H
CFH
On Reset
R/W
RAM2
RAM1
RAM0
0
ROM3 ROM2 ROM1 ROM0
765432
10
Selection of Internal
ROM3 ROM2 ROM1 ROM0
ROM Capacity
0100
16K bytes
0110
24K bytes
1000
32K bytes
1010
40K bytes
1111
60K bytes
Other than above
Setting prohibited
Selection of Internal
RAM2
RAM1
RAM0
High-Speed RAM Capacity
010
512 bytes
110
1024 bytes
Other than above
Setting prohibited
Table 3-1 shows the setting values of IMS which makes the memory mapping the same as that of the various mask
ROM model.
Table 3-1. Memory Size Switching Register Setting Values
Target Mask ROM Product
IMS Setting Value
µPD78042F
44H
µPD78043F
46H
µPD78044F
C8H
µPD78045F
CAH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com