Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2615C Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2615C
Description  2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615C Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2615C Datasheet HTML 14Page - Monolithic Power Systems MP2615C Datasheet HTML 15Page - Monolithic Power Systems MP2615C Datasheet HTML 16Page - Monolithic Power Systems MP2615C Datasheet HTML 17Page - Monolithic Power Systems MP2615C Datasheet HTML 18Page - Monolithic Power Systems MP2615C Datasheet HTML 19Page - Monolithic Power Systems MP2615C Datasheet HTML 20Page - Monolithic Power Systems MP2615C Datasheet HTML 21Page - Monolithic Power Systems MP2615C Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MP2615C
– 2.1A, 1-CELL OR 2-CELL LI-ION BATTERY CHARGER
MP2615C Rev. 1.1
www.MonolithicPower.com
21
6/15/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
CARRIER INFORMATION
Pin1
1
1
1
1
ABCD
ABCD
ABCD
ABCD
Feed Direction
Part Number
Package
Description
Quantity/
Reel
Quantity/
Tube
Quantity/
Tray
Reel
Diameter
Carrier
Tape
Width
Carrier
Tape
Pitch
MP2615CGQ
–Z
QFN-16
(3mmx3mm)
5000
N/A
N/A
13in
12mm
8mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com