Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2615C Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2615C
Description  2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615C Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2615C Datasheet HTML 9Page - Monolithic Power Systems MP2615C Datasheet HTML 10Page - Monolithic Power Systems MP2615C Datasheet HTML 11Page - Monolithic Power Systems MP2615C Datasheet HTML 12Page - Monolithic Power Systems MP2615C Datasheet HTML 13Page - Monolithic Power Systems MP2615C Datasheet HTML 14Page - Monolithic Power Systems MP2615C Datasheet HTML 15Page - Monolithic Power Systems MP2615C Datasheet HTML 16Page - Monolithic Power Systems MP2615C Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP2615C
– 2.1A, 1-CELL OR 2-CELL LI-ION BATTERY CHARGER
MP2615C Rev. 1.1
www.MonolithicPower.com
13
6/15/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP2615C is a peak current mode control
switching charger for single-cell or dual-cell Li-ion
and
Li-polymer
batteries.
The
MP2615C
integrates
both
the
high-side
and
low-side
MOSFETs of the synchronous buck converter to
provide high efficiency and reduce PCB size.
Charge Cycle (Mode Change: TC to CC to CV)
The MP2615C regulates the charge current (ICHG)
and battery voltage (VBATT) using two control
loops to achieve highly accurate constant current
(CC) charge and constant voltage (CV) charge.
If VBATT is below VTC, the MP2615C remains in
trickle charge mode, and the output of the charge
current loop (COMPI) dominates the control (see
Figure 2). The battery is charged by a trickle
charge current (ITC) until the battery voltage
reaches VTC. If the charger remains in trickle
charge mode until the trickle charge timer is
triggered, charging is terminated.
The MP2615C enters CC charge mode once the
battery voltage exceeds VTC. In this mode, the
charge current increases from ITC to ICC to fast
charge the battery.
If the battery voltage exceeds the battery-full
voltage (VBATT_FULL), the charger enters CV mode.
In CV mode, the battery voltage is regulated at
VBATT_FULL, and the charge current falls naturally
due to the existing equivalent internal resistance
of the battery. Figure 4 shows an operation
flowchart.
CC Charge
Threshold
CV Charge
Threshold
CC
Charge
ICHG
VBATT
Charge
Full
TC Charge
Current
CC Charge
Current
CV
Charge
Auto-
Recharge
Auto-
Recharge
Threshold
IBF
Trickle
Charge
Figure 2: Li-Ion Battery Charge Profile
Charge Full Termination and Auto-Recharge
If
the
charge
current
drops
below
the
termination threshold (IBF) during the CV charge
phase, the charger stops charging and the
CHGOK
pin becomes an open drain. The timer
resets and turns off. Once the battery voltage
drops below the recharge threshold (VRECH)
(4.0V/cell while the SEL pin is connected to
AGND), recharging automatically begins and
the timer restarts a new charge cycle.
Constant-Off-Time (COT) Charge Mode
The MP2615C uses the floating ground method
to drive the
buck converter’s high-side MOSFET
(HS-FET). While the HS-FET is off, the BST
capacitor is recharged, and the voltage across
the capacitor is used as the HS-
FET’s gate
driver. Thus a minimum off time of 200ns is
required to maintain sufficient voltage at the
BST capacitor.
When the 200ns minimum off time is achieved
due to a large duty cycle, the MP2615C enters
constant-off-time (COT) charge mode. In this
mode,
the
switching
frequency
is
slightly
reduced to achieve a 99% duty cycle.
Charge Status Indication
The MP2615C has two open-drain status
outputs: the CHGOK and ACOK pins. The
ACOK pin goes low when the input voltage
exceeds the battery voltage and the under-
voltage lockout (UVLO) threshold by 300mV.
The CHGOK pin indicates the status of the
charge cycle.
Table 1 lists the operation for both CHGOK and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com