Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2615C Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2615C
Description  2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2615C Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2615C Datasheet HTML 8Page - Monolithic Power Systems MP2615C Datasheet HTML 9Page - Monolithic Power Systems MP2615C Datasheet HTML 10Page - Monolithic Power Systems MP2615C Datasheet HTML 11Page - Monolithic Power Systems MP2615C Datasheet HTML 12Page - Monolithic Power Systems MP2615C Datasheet HTML 13Page - Monolithic Power Systems MP2615C Datasheet HTML 14Page - Monolithic Power Systems MP2615C Datasheet HTML 15Page - Monolithic Power Systems MP2615C Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP2615C
– 2.1A, 1-CELL OR 2-CELL LI-ION BATTERY CHARGER
MP2615C Rev. 1.1
www.MonolithicPower.com
12
6/15/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Charge Control
Logic
Timer
PRE_REGS
OSC
VREF
LDO
Regulator
Drive
A1
Current Sense
CTRL
Charge
Current Sense
PWM
Comparator
Current Limit
Comparator
S
R
R
Q
BST
SW
CSP
A2
BATT
0.123V
or 1.23V
GMI
GMV
5-Bit Trim
EN
VCC
NTC
Cells
FB
BATT
CTRL
TMR
OVP
ACOK
CHGOK
FB
FB
AGND
VIN
1.23V
1.171V
0.879V
VBATT + 0.2V
TC/CC
Charge
Comparator
Recharge
Comparator
OVP
Comparator
M1
COMP
1.23V
RS1
L
1-Cell
or 2-
Cell
Battery
CELLS
M2
M3
OVP
ICHG
IHS
ACOK
Comparator
VIN
SEL
ICHG
0.123V
BF
Comparator
PGND
COMPI
COMPV
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com