Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-06E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-06E
Description  10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-06E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RAM-MOUNT-06E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 8Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.advantech.com/products
Online Download
Environment
Temperature
Operating: -20 ~ 50 °C/-4 ~ 122 °F (0 ~ 40 °C/32 ~ 104 °F when charging to protect the battery)
Storage: -40 ~ 60 °C (-40 ~ 140 °F)
Humidity
5 ~ 95% @ 40 °C/104 °F
IP Rating
IP65
Drop Tolerance
Up to 4 ft.
Certification
Vibration/Shock
MIL-STD-810G
EMC/RF
CE/FCC/CCC/SAR*
Safety
UL/CE/CB/CCC
Mobile Device Management
SOTI compatible
Mechanical
Dimensions (L x W x H)
305 x 207 x 25/27 mm (12 x 8.14 x 0.98/1.06 in)
Weight
1.5 Kgs (3.30 Ib)
DeviceOn/iService
Remote Device Management
Operating System
Windows 10
Common Controls
(Reboot, Shutdown)
Remote desktop
(VNC)
Device-Specific Controls
Audio
Connection Status
Hardware Status
*
Hard Disk Status
*
Batch Operation Support
OTA Storage Management
FTP
OTA Software Updates
Software Watchlist
Software Start/Stop
*
Kiosk Mode
Peripherals Watchlist
*
Note: DeviceOn/iService software must be downloaded from the Advantech website at https://www.advantech.com/search/?q=DeviceOn%2FiService&st=support&sst=Utility
Dimensions
Unit: mm
PWS-872
305
27.40
25
Specifications (Cont.)
*Dependant on device model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com