Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-06E Datasheet(PDF) 7 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-06E
Description  10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-06E Datasheet(HTML) 7 Page - Advantech Co., Ltd.

  RAM-MOUNT-06E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 8Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Features
Dimensions
Unit: mm
1. 1 x LAN 100/1000 (M12)
2. 1 x GPS SMA
3. 2 x USB 3.0 (locking type)
4. 1 x HDC: 1 x RS232, 1 x CAN 2.0, 2 x DI,
2 x DO, 1 x line-in, 1 x line-out
5. 1 x DC-in (M12)
1
3
4
5
2
Underside I/O
240.50
90.40
95.40
Vehicle Docking Station for the
PWS-870/872 Series
Specifications
I/O
HDC
1 x HDC connector
HDC I/O
1 x RS-232, 1 x CAN 2.0 A/B (supports
J1939) with OBDII protocol (supports ISO
15765), 1 x line-in, 1 x line-out, 2 x DI, and
2 x DO
USB
2 x USB 3.0 (locking type)
Ethernet
1 x 100/1000 LAN (M12)
SMA for GPS
1 x for external GPS antenna
DC-In
1 x Power jack (M12) 19V ± 5% (can be
paired with a vehicle adapter (PWS-770-
CAD1200E/PWS-770-CAD2400E/PWS-770-
CADAP00E) or DC-in (M12) adapter cable
(1700021797-01)
Environment
IP Rating
IP54 (with tablet docked and all cables
connected)
Operating Temperature
-20 ~ 50 °C/-4 ~ 122 °F
(0 ~ 40 °C/32 ~ 104 °F when charging) with
tablet docked
Storage Temperature
-40 ~ 85 °C (-40 ~ 185 °F)
Certifications
Vibration/Shock
MIL-STD-810G, Method 514.5; SAE J1455
EMC
CE, FCC
Safety
UL, CB
Vehicle Safety
E-mark (E13) (when paired with
PWS-770-CAD1200E/PWS-770-CAD2400E)
Mount Options
VESA (75 x 75 mm)
Weight
950 g (2.09 lb)
Dimensions
240.5 x 280.9 x 95.4 mm
(9.46 x 11.05 x 3.75 in)
Introduction
The vehicle docking station supports both the PWS-870 and PWS-872 series. Designed to provide a stable platform for in-vehicle mounting and battery recharging, the vehicle docking station
is equipped with a locking mechanism to prevent theft. Replica I/O ports are provided to ensure convenient I/O access for full tablet functionality. Moreover, with the added provision of CAN
bus support for vehicle diagnostics, the vehicle docking station provides the ideal in-vehicle solution for diverse automobile applications, including warehouse forklifts and police, fire brigade,
and ambulance fleets.
Ordering Information
Part Number
Description (for PWS-870/872 series)
PWS-870-VCRADLE00E
Vehicle docking station with LAN cable and M12(M) to 8P/RJ45(F) cable (5 cm)
PWS-870-VCRADLE01E
Charge-only vehicle docking station
PWS-870-VMOUNT00E
Vehicle docking station without I/O
PWS-770-CADAP00E*
Vehicle power DC 10 ~ 32V 90W (120cm) to cigarette lighter adaptor with M12
connector
PWS-770-CAD1200E*
Vehicle power DC 10 ~ 32V 90W adaptor with 12V relay (120 cm) and M12 connector
PWS-770-CAD2400E*
Vehicle power DC 10 ~ 32V 90W adaptor with 24V relay (120 cm) and M12 connector
1700021797-01
M12 connector to DC-in cable (10 cm)
Note: Connect the PWS-870/872 vehicle docking station DC-in port (M12) to the
power jack adapter (96PSA-A65W19V1-1)
PWS-870-CHDC00E
Vehicle docking station HDC cable (200 cm), supports 1 x RS-232, 1 x CAN 2.0,
2 x DI, 2x DO, 1 x line-in, 1 x line-out
PWS-770-GPSAN00E
GPS antenna cable 5.5V 22mA (500 cm)
RAM-MOUNT-06E
5.625” double socket arm for 1.5” ball base, 3.625” VESA base at both sockets
RAM-MOUNT-07E
5.625” double socket arm for 1.5” ball base (1 socket with 3.625” VESA base,
1 socket with flat 2.5” diameter base AMPS hole pattern)
PWS-870-VDOCK-CBE
Vehicle docking starter cable kit (power cable, HDC cable, and GPS antenna)
Notes:
1. The PWS-870/872 vehicle docking station includes a LAN cable for M12-to-RJ45 connector. The vehicle adapter
is optional. Do not attempt to connect the vehicle adapter M12 plug to the tablet’s DC-in port.
2. Advantech strongly recommends initially purchasing the starter cable kit and power adapter for evaluation (suitable
power adapters are marked*)
PWS-870/872
Peripherals
ƒ
CAN 2.0 A/B (J1939) and OBDII (ISO 15765) protocol support for vehicle
diagnostics
ƒ
Anti-theft locking mechanism
ƒ
External GPS SMA antenna
ƒ
Compatible with 12V/24 V vehicle power
ƒ
Ignition control
ƒ
Rapid device docking and removal
ƒ
Provides complete port replication
ƒ
Compliant with MIL-STD-810G and SAE J1455 for vibration and shock
tolerance
ƒ
E-mark (E13) certified for vehicle safety



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com