Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-06E Datasheet(PDF) 6 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-06E
Description  10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-06E Datasheet(HTML) 6 Page - Advantech Co., Ltd.

  RAM-MOUNT-06E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 8Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.advantech.com/products
Online Download
Optional Accessories and Extension Modules for the PWS-870/872 Series
External Battery
Screen Protection Film (for PWS-872)
Features
ƒ
Capacity: 14.4V 4300mAh
ƒ
IP rating: IP65
ƒ
Dimensions: 141.2 x 106.2 x 17 mm (5.55 x 4.18 x 0.66 in)
ƒ
Weight: 385 g (0.84 lb)
Features
ƒ
10.1" replacement anti-glare screen protection film
Features
ƒ
Supports up to 4 external batteries
ƒ
Charging time: 4 hr
ƒ
Charge status LED indicators
ƒ
Screw holes for secure installation
ƒ
Power input: 19.5V/7.7A
ƒ
Dimensions: 214.4 x 229.4 x 60 mm (8.44 x 9.03 x 2.36 in)
ƒ
Weight: 1.4 kg (3.08 lb)
ƒ
Packing material: XAASC-FSP150-RFBN2 (1 x 150w adapter)
Multi-Bay Battery Charger
Ordering Information
Part Number
Description
PWS-870-UCOVER00E
Universal cover package (for PWS-870/872 series)
PWS-870-EXT300E
MSR and smart card reader (for PWS-870/872 series)
PWS-870-EXT100E
I/O extension module (for PWS-870/872 series)
PWS-870-BAT200E
External battery (for PWS-870/872 series)
PWS-870-MBC00E
Multi-bay battery charger (for PWS-870/872 series)
PWS-872-PROFILM
10.1" replacement screen protection film (for PWS-872)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com