Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-06E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-06E
Description  10" Industrial-Grade Tablet with 7th Generation Intel® Core™ i3/i5/i7/ Celeron® Processor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-06E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  RAM-MOUNT-06E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 8Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PWS-872
Ordering Information
Standard SKU
Configuration
RFID
reader
Barcode
scanner
Fingerprint
scanner
CPU
LCD
Memory
Storage
Front
camera
Rear
camera
Wi-Fi
BT
GPS
4G
OS
PWS-872-CS6W0X000
Celeron
Standard (without
capacity hot keys)
DDR4 4GB
SSD 64GB
(0 ~ 70 °C)
-
-
Yes
Yes
-
-
Win 10 IoT
-
-
-
PWS-872-CS6W0X200
Celeron
Standard (without
Capacity Hot Key)
DDR4 4GB
SSD 64GB
(0~70°C)
Yes
Yes
Yes
Yes
-
-
Win10 IoT
-
2D
-
PWS-872-3S6W0X000
Core i3
Standard
DDR4 4GB
SSD 64GB
(0 ~ 70 °C)
Yes
Yes
Yes
Yes
-
-
Win 10 IoT
-
-
-
PWS-872-3S6W4X200
Core i3
Standard
DDR4 4GB
SSD 64GB
Yes
Yes
Yes
Yes
-
LTE-US
Win 10 IoT
-
2D
-
PWS-872-3S6W6X200
Core i3
Standard
DDR4 4GB
SSD 64GB
Yes
Yes
Yes
Yes
-
LTE-EU
Win 10 IoT
-
2D
-
PWS-872-5S6W4X200
Core i5
Standard
DDR4 4GB
SSD 64GB
Yes
Yes
Yes
Yes
-
LTE-US
Win 10 IoT
-
2D
-
PWS-872-5S6W6X200
Core i5
Standard
DDR4 4GB
SSD 64GB
Yes
Yes
Yes
Yes
-
LTE-EU
Win 10 IoT
-
2D
-
PWS-872-7S6W4X200
Core i7
Standard
DDR4 4GB
SSD 64GB
Yes
Yes
Yes
Yes
-
LTE-US
Win 10 IoT
-
2D
-
PWS-872-7S6W6X200
Core i7
Standard
DDR4 4GB
SSD 64GB
Yes
Yes
Yes
Yes
-
LTE-EU
Win 10 IoT
-
2D
-
Packing List
Part Number
Description
96PSA-A65W19V1-1
1 x 65W adapter
9680015843
1 x Capacitive stylus
Option Power Cord
Part Number
Description
1700001524
Power Cord Connector USA plug
1700008921
Power Cord Connector JP plug
1700021374-01
Power Cord Connector China plug
170203180A
Power Cord Connector UK plug
170203183C
Power Cord Connector EU plug
System I/O
PWS-872 Front/Rear View
PWS-872 Right/Left Side View
1. 2M camera
2. Home key (programmable)
3. Function key
4. Speakers
5. Fingerprint scanner
6. Programmable capacitive touch
input
7. 8M AF camera with flash
8. Fan
9. NFC reader
10. Capacitive stylus
11. Latch (for external battery)
1. Kensington Security Slot
2. Power button
3. Audio combo jack
4. HDMI connector (1.4)
5. USB 3.0 port
6. DC-in
7. Screw hole for extension modules
8. USB 3.0 port
9. USB 2.0 port
10. SD card slot (SDXC)
1
7
7
8
9
10
3
1
2
3
4
5
6
4
8
9
6
7
4
2
5
10
11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com