Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1909 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1909
Description  30V, 2.2MHz, 2A Half-Bridge Gate Driver in SOT583 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1909 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1909 Datasheet HTML 1Page - Monolithic Power Systems MP1909 Datasheet HTML 2Page - Monolithic Power Systems MP1909 Datasheet HTML 3Page - Monolithic Power Systems MP1909 Datasheet HTML 4Page - Monolithic Power Systems MP1909 Datasheet HTML 5Page - Monolithic Power Systems MP1909 Datasheet HTML 6Page - Monolithic Power Systems MP1909 Datasheet HTML 7Page - Monolithic Power Systems MP1909 Datasheet HTML 8Page - Monolithic Power Systems MP1909 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP1909
– 30V, HIGH-FREQUENCY HALF-BRIDGE GATE DRIVER
MP1909 Rev. 1.0
www.MonolithicPower.com
3
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
BST
Bootstrap. This is the positive power supply for the internal floating high-side MOSFET
driver. Connect a bypass capacitor between the BST and SW pins.
2
PWM
Control signal input for the high-side and low-side drivers. Setting PWM to logic high
turns on the high-side MOSFET; setting PWM to logic low turns on the low-side MOSFET.
3
EN
On/off control. Set EN high to turn on the IC; set EN low to turn it off.
4
VCC
Supply input. This pin supplies power to all the internal circuitry. Place a decoupling
capacitor to ground, and close to this pin to ensure stable and clean supply.
5
DRVL
Low-side driver output.
6
GND
Chip ground.
7
SW
Switching node.
8
DRVH
Floating driver output.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VCC) .....................-0.3V to +15V
SW voltage (VSW)……………..-0.3V (-5V <10ns)
.................................... to +35V (45V <10ns)
BST voltage (VBST) ........................-0.3V to +50V
BST to SW ....................................-0.3V to +15V
DRVH to SW ............. -0.3V to (BST-SW) + 0.3V
DRVL to GND ................... -0.3V to (VCC + 0.3V)
EN, PWM .....................................-0.3V to +5.5V
Continuous power dissipation (TA = 25°C) (2) (5)
………………………………………………... 2.2W
Junction temperature ................................150°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) ...................... 1000V
Charged device model (CDM)..................1000V
Recommended Operating Conditions (3)
Supply voltage (VCC) .................... 4.5V to 12V (4)
Power input voltage (VIN) .................0.8V to 30V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
θJA
θJC
SOT583
EV1909-TL-00A (5)
.......... 55 ...... 21... °C/W
JESD51-7 (6)
......... 130 ..... 60... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4) 4.5V/12V is only a typical value for the supply voltage.
5) Measured on EV1909-TL-00A, 2-layer PCB.
6)
The value of θ
JA given in this table is only valid for comparison
with other packages and cannot be used for design purposes.
These values were calculated in accordance with JESD51-7,
and simulated on a specified JEDEC board. They do not
represent the performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com