Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1909 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1909
Description  30V, 2.2MHz, 2A Half-Bridge Gate Driver in SOT583 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1909 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1909 Datasheet HTML 2Page - Monolithic Power Systems MP1909 Datasheet HTML 3Page - Monolithic Power Systems MP1909 Datasheet HTML 4Page - Monolithic Power Systems MP1909 Datasheet HTML 5Page - Monolithic Power Systems MP1909 Datasheet HTML 6Page - Monolithic Power Systems MP1909 Datasheet HTML 7Page - Monolithic Power Systems MP1909 Datasheet HTML 8Page - Monolithic Power Systems MP1909 Datasheet HTML 9Page - Monolithic Power Systems MP1909 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP1909
– 30V, HIGH-FREQUENCY HALF-BRIDGE GATE DRIVER
MP1909 Rev. 1.0
www.MonolithicPower.com
6
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 12V, VSW = 0V, TA = 25°C, unless otherwise noted.
VCC Shutdown Current
VEN = 0V, short SW to GND
VCC Quiescent Current
VEN = 3.3V, VPWM = 0V, short SW to GND
VCC Operating Current
VCC = 12V, CLOAD = 1nF at DRVH and DRVL
Peak Drive Current vs. VCC Voltage
VCC Threshold vs. Temperature
(BST-SW) Threshold vs.
Temperature
0
20
40
60
80
100
120
4
6
8
10
12
VCC (V)
0
20
40
60
80
100
120
140
160
180
4
6
8
10
12
VCC (V)
0
5
10
15
20
25
30
0
200
400
600
800
1000
PWM FREQUENCY (kHz)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
4
6
8
10
12
VCC (V)
IOLL
IOLH
IOHL
IOHH
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
-50
0
50
100
150
TEMPERATURE (
℃)
VCC Rising Threshold
VCC Falling Threshold
2
2.2
2.4
2.6
2.8
3
3.2
-50
0
50
100
150
TEMPERATURE (
℃)
(BST-SW) Rising Threshold
(BST-SW) Falling Threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com