Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1909 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1909
Description  30V, 2.2MHz, 2A Half-Bridge Gate Driver in SOT583 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1909 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1909 Datasheet HTML 1Page - Monolithic Power Systems MP1909 Datasheet HTML 2Page - Monolithic Power Systems MP1909 Datasheet HTML 3Page - Monolithic Power Systems MP1909 Datasheet HTML 4Page - Monolithic Power Systems MP1909 Datasheet HTML 5Page - Monolithic Power Systems MP1909 Datasheet HTML 6Page - Monolithic Power Systems MP1909 Datasheet HTML 7Page - Monolithic Power Systems MP1909 Datasheet HTML 8Page - Monolithic Power Systems MP1909 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP1909
– 30V, HIGH-FREQUENCY HALF-BRIDGE GATE DRIVER
MP1909 Rev. 1.0
www.MonolithicPower.com
4
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = VBST - VSW = 12V, VEN = 3.3V, VPWM = 3.3V, no load at DRVH and DRVL, TJ = -40°C to +125°C
(7), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Current
VCC shutdown current
ISHDN
VEN = 0, SW = GND, TJ = 25°C
100
165
µA
VEN = 0, SW = GND,
TJ = -40°C to +125°C
180
µA
VEN = 0, SW float, TJ = 25°C
50
100
µA
VEN = 0, SW float,
TJ = -40°C to +125°C
120
µA
VCC quiescent current
IDDQ1
PWM = 0, SW = GND, VEN = 3.3V
150
230
µA
PWM = 0, SW float, VEN = 3.3V
100
170
µA
VCC operating current
IDDQ2
fSW = 250kHz, CLOAD = 1nF
7.5
9.5
mA
Floating driver quiescent
current
IBSTQ
PWM = high
110
170
µA
Leakage current
ILK
BST = 35V, SW = 35V
1
µA
Inputs
PWM high
VPWM_H
2.2
V
PWM low
VPWM_L
0.8
V
PWM hysteresis
VPWM_HYS
0.5
V
PWM leakage current
IPWM
No internal pull-up or pull-down,
VPWM = 3.3V
-1
+1
µA
Under-Voltage Protection
VCC rising threshold
VCCR
3.6
4.1
4.6
V
VCC falling threshold
VCCF
3.6
3.8
4.2
V
(BST-SW) rising threshold
VBSTR
2.4
2.9
3.4
V
(BST-SW) falling threshold
VBSTF
2.8
V
EN input logic low
VEN_L
0.7
V
EN input logic high
VEN_H
1.5
V
EN hysteresis
VEN_HYS
300
mV
EN internal pull-down
resistance
REN
1
MΩ
EN turn-on delay
tEN_ON
BST - SW = 12V
3.6
µs
EN shutdown delay
tEN_OFF
20
ns
Bootstrap Diode
Bootstrap diode VF at 100µA
VF1
0.2
V
Bootstrap diode VF at
100mA
VF2
1.6
V
Bootstrap diode dynamic R
RD
At 100mA
13
Ω
Low-Side Gate Driver
Output resistance, sourcing
current
ROHL
VPWM = 0V, VCC = 5V
4
Ω
VPWM = 0V, VCC = 12V
1.5
Ω
IOHL (8)
VPWM = 0V, VCC = 12V
2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com