Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1909 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP1909
Description  30V, 2.2MHz, 2A Half-Bridge Gate Driver in SOT583 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1909 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP1909 Datasheet HTML 7Page - Monolithic Power Systems MP1909 Datasheet HTML 8Page - Monolithic Power Systems MP1909 Datasheet HTML 9Page - Monolithic Power Systems MP1909 Datasheet HTML 10Page - Monolithic Power Systems MP1909 Datasheet HTML 11Page - Monolithic Power Systems MP1909 Datasheet HTML 12Page - Monolithic Power Systems MP1909 Datasheet HTML 13Page - Monolithic Power Systems MP1909 Datasheet HTML 14Page - Monolithic Power Systems MP1909 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP1909
– 30V, HIGH-FREQUENCY HALF-BRIDGE GATE DRIVER
MP1909 Rev. 1.0
www.MonolithicPower.com
13
7/10/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PACKAGE INFORMATION
SOT583 (1.6mmx2.1mm)
FRONT VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE WIDTH DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
3) LEAD COPLANARITY (BOTTOM OF
LEADS AFTER FORMING) SHALL BE 0.10
MILLIMETERS MAX.
4) DRAWING IS NOT TO SCALE.
TOP VIEW
BOTTOM VIEW
RECOMMENDED LAND PATTERN
SIDE VIEW
PIN 1 ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com