Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2192GC Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2192GC
Description  2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2192GC Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2192GC Datasheet HTML 1Page - Monolithic Power Systems MP2192GC Datasheet HTML 2Page - Monolithic Power Systems MP2192GC Datasheet HTML 3Page - Monolithic Power Systems MP2192GC Datasheet HTML 4Page - Monolithic Power Systems MP2192GC Datasheet HTML 5Page - Monolithic Power Systems MP2192GC Datasheet HTML 6Page - Monolithic Power Systems MP2192GC Datasheet HTML 7Page - Monolithic Power Systems MP2192GC Datasheet HTML 8Page - Monolithic Power Systems MP2192GC Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MP2192
– 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH 25µA IQ
MP2192 Rev. 1.0
MonolithicPower.com
3
5/12/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
A1
GND
Power ground.
A2
OUT
Output sense. OUT is the voltage power rail and input sense pin for the output voltage. Use
an output capacitor to reduce the output voltage ripple.
B1
SW
Output switching node. SW is the drain of the internal high-side P-channel MOSFET.
Connect the inductor to SW to complete the converter.
B2
EN
On/off control.
C1
VIN
Supply voltage. The MP2192 operates from an unregulated input between 2.5V and 5.5V.
A decoupling capacitor is required to prevent large voltage spikes from appearing at the
input.
C2
FB
Feedback. An external resistor divider connected from the output to GND, then tapped to
the FB pin, sets the output voltage.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) .................................... 6.5V
VSW................................ -0.3V (-5V for <10ns) to
+6.5V (+10V for <10ns)
All other pins ................................-0.3V to +6.5V
Junction temperature ................................150°C
Lead temperature .....................................260°C
Continuous power dissipation (TA = 25°C)
(2) (4)
................................................................. 1.39W
Storage temperature ................ -65°C to +150°C
ESD Ratings
Human body model (HBM) ....................
±2000V
Charged device model (CDM).. +1000V, -1500V
Recommended Operating Conditions (3)
Supply voltage (VIN) ........................2.5V to 5.5V
Operating junction temp (TJ) .... -40°C to +125°C
Thermal Resistance
θJA θJC(TOP)
EVL2192-C-00A (4)
……...........90……30…°C/W
WLCSP-6 (5)
………………...141……..2…°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θ
JA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) / θJA. Exceeding the maximum
allowable power dissipation may produce an excessive die
temperature, and the device may go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on the EVL2192-C-00A evaluation board, 2-layer
PCB.
5) Measured on JESD51-7, 4-layer PCB.
The value of θ
JA given
in this table is only valid for comparison with other packages
and cannot be used for design purposes. These values are
calculated in accordance with JESD51-7, and simulated on a
specified
JEDEC
board.
They
do
not
represent
the
performance obtained in an actual application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com