Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2192GC Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2192GC
Description  2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2192GC Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2192GC Datasheet HTML 8Page - Monolithic Power Systems MP2192GC Datasheet HTML 9Page - Monolithic Power Systems MP2192GC Datasheet HTML 10Page - Monolithic Power Systems MP2192GC Datasheet HTML 11Page - Monolithic Power Systems MP2192GC Datasheet HTML 12Page - Monolithic Power Systems MP2192GC Datasheet HTML 13Page - Monolithic Power Systems MP2192GC Datasheet HTML 14Page - Monolithic Power Systems MP2192GC Datasheet HTML 15Page - Monolithic Power Systems MP2192GC Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MP2192
– 2A, SYNCHRONOUS STEP-DOWN CONVERTER WITH 25µA IQ
MP2192 Rev. 1.0
MonolithicPower.com
12
5/12/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Main
Switch
(PCH)
Synchronous
Rectifier
(NCH)
Constant
On-Time
Pulse
PWM
Bias and
Voltage
Reference
0.6V
EN
FB
SW
COMP
+
-
VIN
+
+
-
FBCOMP
EN
Driver
PDRV
NDRV
Soft Start
GND
OUT
PWM
Hi-Z
E. A.
+
-
+
Ramp
Generator
COMP
+
-
VOUT
RST
SW
VTH
Low IQ
Low IQ
Low IQ
Low IQ
Low IQ
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com