Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2192GC Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2192GC
Description  2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2192GC Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2192GC Datasheet HTML 1Page - Monolithic Power Systems MP2192GC Datasheet HTML 2Page - Monolithic Power Systems MP2192GC Datasheet HTML 3Page - Monolithic Power Systems MP2192GC Datasheet HTML 4Page - Monolithic Power Systems MP2192GC Datasheet HTML 5Page - Monolithic Power Systems MP2192GC Datasheet HTML 6Page - Monolithic Power Systems MP2192GC Datasheet HTML 7Page - Monolithic Power Systems MP2192GC Datasheet HTML 8Page - Monolithic Power Systems MP2192GC Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP2192
2A, 2.5V to 5.5V, Synchronous Step-Down
Converter with 25µA IQ in CSP Package
MP2192 Rev. 1.0
MonolithicPower.com
1
5/12/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP2192 is a monolithic, step-down switch-
mode converter with built-in internal power
MOSFETs.
The
MP2192
achieves
2A
of
continuous output current from a 2.5V to 5.5V
input voltage, with excellent load and line
regulation. The output voltage can be regulated
to as low as 0.6V.
Constant-on-time (COT) control provides fast
transient response and eases loop stabilization.
Fault protections include cycle-by-cycle current
limiting and thermal shutdown.
The MP2192 is well-suited for a wide range of
applications, including high-performance DSPs,
wireless power, portable and mobile devices,
and other low-power systems.
The MP2192 requires a minimal number of
readily
available,
standard
external
components. It is available in an ultra-small
CSP-6 (0.85mmx1.25mm) package.
FEATURES
 Low 25μA I
Q
 1.1MHz Switching Frequency
 EN for Power Sequencing
 1% FB Accuracy
 Wide 2.5V to 5.5V Operating Input Range
 Output Adjustable from 0.6V
 Up to 2A Output Current
 75mΩ and 45mΩ Internal Power MOSFET
Switches
 100% Duty Cycle
 Output Discharge
 V
OUT Over-Voltage Protection (OVP)
 Short-Circuit Protection (SCP) with Hiccup
Mode
 Available in a WLCSP-6 (0.85mmx1.25mm)
Package
 Excellent Transient Response with Minimal
Output Capacitors
Optimized Performance with
MPS Inductor MPL-AL4020 Series
APPLICATIONS
 Solid State Drives (SSDs)
 Portable Instruments
 Battery-Powered Devices
 Multi-Function Printers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
MP2192
GND
FB
VIN
C1
22
μF
EN
VIN =
5V
VOUT =
1.2V/2A
SW
C2
22
μF
R1
200k
R2
200k
EN
OUT
L1
1
μH
60
65
70
75
80
85
90
95
100
0.001
0.01
0.1
1
LOAD CURRENT (A)
Efficiency vs. Load Current
VIN = 5V, L = 1μH, DCR = 10.1mΩ
VO=1.2V
VO=1.8V
VO=2.5V
VO=3.3V


Similar Part No. - MP2192GC

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP2190-BK1-42 MULTICOMP-MP2190-BK1-42 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
More results

Similar Description - MP2192GC

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7271A RICHTEK-RT7271A Datasheet
218Kb / 14P
6A, 17V, 500kHz CSP Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2162A MPS-MP2162A Datasheet
533Kb / 17P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
logo
AiT Semiconductor Inc.
A7122A AITSEMI-A7122A Datasheet
712Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 5.5V 2A 1.3MHz SYNCHRONOUS
REV1.0
logo
Diodes Incorporated
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
logo
Monolithic Power System...
MP2172 MPS-MP2172 Datasheet
589Kb / 17P
5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
logo
MPS Industries, Inc.
MP2172C MPSIND-MP2172C Datasheet
532Kb / 18P
5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
Rev.1.0 4/22/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com