Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2192GC Datasheet (PDF) - Monolithic Power Systems

MP2192GC Datasheet PDF - Monolithic Power Systems
Part # MP2192GC
Download  MP2192GC Download
File Size   1366.34 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package

MP2192GC Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2192GC Datasheet PDF - Monolithic Power Systems

Part # MP2192GC
Download  MP2192GC Click to download

File Size   1366.34 Kbytes
Page   22 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2A, 2.5V to 5.5V, Synchronous Step-Down Converter with 25μA IQ in CSP Package

MP2192GC Datasheet (HTML) - Monolithic Power Systems


MP2192GC Product details

DESCRIPTION
The MP2192 is a monolithic, step-down switchmode
converter with built-in internal power
MOSFETs. The MP2192 achieves 2A of
continuous output current from a 2.5V to 5.5V
input voltage, with excellent load and line
regulation. The output voltage can be regulated
to as low as 0.6V.
Constant-on-time (COT) control provides fast
transient response and eases loop stabilization.
Fault protections include cycle-by-cycle current
limiting and thermal shutdown.
The MP2192 is well-suited for a wide range of
applications, including high-performance DSPs,
wireless power, portable and mobile devices,
and other low-power systems.
The MP2192 requires a minimal number of
readily available, standard external
components. It is available in an ultra-small
CSP-6 (0.85mmx1.25mm) package.




Similar Part No. - MP2192GC

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP2190-BK1-42 MULTICOMP-MP2190-BK1-42 Datasheet
169Kb / 2P
Self Adhesive Feets
24/07/25 V1.0
More results


Similar Description - MP2192GC

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7271A RICHTEK-RT7271A Datasheet
218Kb / 14P
6A, 17V, 500kHz CSP Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2162A MPS-MP2162A Datasheet
533Kb / 17P
2A, 6V, 1.5MHz, 17uA IQ, COT Synchronous Step-Down Converter
MP9162A MPS-MP9162A Datasheet
453Kb / 14P
2A, 6V, 1.5MHz, 17uA IQ, COT, Synchronous, Step-Down Converter
logo
AiT Semiconductor Inc.
A7122A AITSEMI-A7122A Datasheet
712Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 5.5V 2A 1.3MHz SYNCHRONOUS
REV1.0
logo
Diodes Incorporated
AP61200 DIODES-AP61200 Datasheet
1Mb / 21P
2.3V TO 5.5V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 3 - 2 September 2022
logo
Monolithic Power System...
MP2172 MPS-MP2172 Datasheet
589Kb / 17P
5.5V, 2A, 2.6MHz,Synchronous, Step-Down Switcher
Rev. 1.0 4/24/2019
logo
MPS Industries, Inc.
MP2172C MPSIND-MP2172C Datasheet
532Kb / 18P
5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
Rev.1.0 4/22/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com