Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6606 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6606
Description  60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6606 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6606 Datasheet HTML 1Page - Monolithic Power Systems MP6606 Datasheet HTML 2Page - Monolithic Power Systems MP6606 Datasheet HTML 3Page - Monolithic Power Systems MP6606 Datasheet HTML 4Page - Monolithic Power Systems MP6606 Datasheet HTML 5Page - Monolithic Power Systems MP6606 Datasheet HTML 6Page - Monolithic Power Systems MP6606 Datasheet HTML 7Page - Monolithic Power Systems MP6606 Datasheet HTML 8Page - Monolithic Power Systems MP6606 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP6606
– 60V, 8-CHANNEL LOW-SIDE DRIVER WITH SERIAL INTERFACE
MP6606 Rev. 1.0
MonolithicPower.com
5
3/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VCLAMP = 36V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Power Supply
Input supply voltage
VIN
4.5
12 or
24
60
V
Clamp voltage
VCLAMP
VIN
60
V
Quiescent current
I
Q
VIN = 24V, ENBL = 1, with no load
1.2
5
mA
Internal MOSFETs
Output on resistance
R
DS(ON)
VIN = 24V, IOUT = 700mA, TJ = 25°C
700
900
m
VIN = 24V, IOUT = 700mA, TJ = 85°C
1200
m
High-side diode
forward voltage
VF
I
OUT = 700mA
1.1
V
Body diode forward
voltage
VFB
I
OUT = 700mA
1.1
V
Control Logic
Input logic low
threshold
VIL
0.7
V
Input logic high
threshold
VIH
2.3
V
Input logic hysteresis
ΔVIH
560
mV
Logic input current
IIN(H)
VIH = 5V
20
µA
IIN(L)
VIL = 0.8V
5
µA
nFAULT, SDO Outputs (Open-Drain Outputs)
Output low voltage
VOL
IOUT = 5mA
0.5
V
Output high leakage
current
IOH
VOUT = 3.3V
1
µA
Protection Circuits
UVLO rising threshold
V
IN_RISE
3.2
4
V
Over-current trip level
IOCP
0.9
2.1
A
Over-current deglitch
time
tOCP
3.5
µs
Over-current Retry
Time
tOCR
2.5
mS
Thermal shutdown (5)
TTSD
168
°C
Thermal shutdown
hysteresis (5)
∆TTSD
30
°C
Note:
5)
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com