Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6606 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6606
Description  60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6606 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6606 Datasheet HTML 8Page - Monolithic Power Systems MP6606 Datasheet HTML 9Page - Monolithic Power Systems MP6606 Datasheet HTML 10Page - Monolithic Power Systems MP6606 Datasheet HTML 11Page - Monolithic Power Systems MP6606 Datasheet HTML 12Page - Monolithic Power Systems MP6606 Datasheet HTML 13Page - Monolithic Power Systems MP6606 Datasheet HTML 14Page - Monolithic Power Systems MP6606 Datasheet HTML 15Page - Monolithic Power Systems MP6606 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP6606
– 60V, 8-CHANNEL LOW-SIDE DRIVER WITH SERIAL INTERFACE
MP6606 Rev. 1.0
MonolithicPower.com
13
3/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
VIN
OUT1
OUT2
SDI
SCLK
ENBL
nFAULT
µC
VIN
MP6606
GND
VIN
VCLAMP
SDO
VIN
RESET
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
LATCH
nSCS
Figure 6: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com