Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6606 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6606
Description  60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6606 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6606 Datasheet HTML 7Page - Monolithic Power Systems MP6606 Datasheet HTML 8Page - Monolithic Power Systems MP6606 Datasheet HTML 9Page - Monolithic Power Systems MP6606 Datasheet HTML 10Page - Monolithic Power Systems MP6606 Datasheet HTML 11Page - Monolithic Power Systems MP6606 Datasheet HTML 12Page - Monolithic Power Systems MP6606 Datasheet HTML 13Page - Monolithic Power Systems MP6606 Datasheet HTML 14Page - Monolithic Power Systems MP6606 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP6606
– 60V, 8-CHANNEL LOW-SIDE DRIVER WITH SERIAL INTERFACE
MP6606 Rev. 1.0
MonolithicPower.com
11
3/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Serial Interface Operation
A serial shift register interface is used to send
data to the MP6606 outputs. Data shifts out of
the SDO pin at the same time as the serial data
is clocked in (see Figure 2). This allows multiple
MP6606 devices to be connected in a daisy
chain fashion.
0
1
2
3
4
5
6
7
SDI
SDO
0
1
2
3
4
5
6
7
Shift Register
SCK
nSCS
Outputs
LATCH
SR Clock
Figure 2: Serial Interface Operation
The outputs do not immediately change as data
is shifted in or through the shift register. A rising
edge on the LATCH input pin latches the data
from the shift register into the outputs.
To write to a single device, 8 bits are clocked in
the MSB first, and the previous data is clocked
out.
Figure 3 shows how to write to a single device.
To write to two devices connected in a daisy
chain, 16 bits are written (see Figure 4).
Z
X
X
X
D0
D1
D2
X
SCK
SDI
SDO
Z
D3
D4
D5
D6
D7
P0
P1
P2
P3
P4
P5
P6
P7
nSCS
X
Previous Data
Figure 3: Writing to a Single Device
Z
X
X
X
D0
D1
D2
X
SCK
SDI
SDO
Z
D3
D4
D5
D6
D7
P0
P1
P2
P3
P4
P5
P6
P7
D8
D9
D10
D11
D12
D13
D14
D15
D15
D14
D13
D12
D11
D10
D9
D8
nSCS
X
Previous Data
Figure 4: Writing to Two Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com