Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6606 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6606
Description  60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6606 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6606 Datasheet HTML 6Page - Monolithic Power Systems MP6606 Datasheet HTML 7Page - Monolithic Power Systems MP6606 Datasheet HTML 8Page - Monolithic Power Systems MP6606 Datasheet HTML 9Page - Monolithic Power Systems MP6606 Datasheet HTML 10Page - Monolithic Power Systems MP6606 Datasheet HTML 11Page - Monolithic Power Systems MP6606 Datasheet HTML 12Page - Monolithic Power Systems MP6606 Datasheet HTML 13Page - Monolithic Power Systems MP6606 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP6606
– 60V, 8-CHANNEL LOW-SIDE DRIVER WITH SERIAL INTERFACE
MP6606 Rev. 1.0
MonolithicPower.com
10
3/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
OPERATION
The MP6606 is an 8-channel low-side driver
that
integrates
eight
N-channel
power
MOSFETs and eight clamp diodes, each of
which have a current capability of 750mA. The
MP6606 operates over a wide 4.5V to 60V
supply voltage range.
The MP6606 is designed to drive inductive
loads, including unipolar stepper motors and
solenoids.
Unipolar Stepper Operation
A unipolar stepper motor has two windings that
are driven with currents that are 90° out of
phase. Each winding has a center tap, which is
connected to the power source. Current is
driven through the winding in a push-pull
fashion, which means the sides of the winding
are alternately pulled to ground. This reverses
the current and the magnetic field.
After a MOSFET turns off due to the inductance
of the winding, current continues to flow through
the other side of the winding. This current flows
from ground through the opposite MOSFET
body diode to the power supply.
Leakage Inductance Clamp (VCLAMP)
In a unipolar stepper, the two halves of the
winding are not perfectly coupled, which results
in leakage inductance. When a MOSFET turns
off, the voltage rises up to twice its normal
supply
for
a
short
period.
This
leakage
inductance spike must be clamped to protect
the MOSFETs from over-voltage damage.
When driving a solenoid connected to VIN,
when the switch turns off, current must continue
to flow until the magnetic field decays. This
current goes to the VCLAMP pin.
These currents flow through the internal diodes
from each output to a common VCLAMP pin.
Generally, VCLAMP is connected to a transient
voltage suppressor. This limits the voltage on
the
output
pins
to
a
maximum
of
60V,
regardless of VIN voltage.
If it is not required for the outputs to exceed the
input voltage (VIN) supply, connect VCLAMP to
VIN.
The internal diodes can support 750mA of
current at a maximum 20% duty cycle.
RESET and ENBL Operation
Driving the RESET pin active high initializes the
digital logic. The serial interface and outputs are
disabled while RESET is active.
The ENBL pin controls the output drivers. When
ENBL is high, the outputs are enabled, and
signals on the serial interface are recognized.
When ENBL is low, the outputs are disabled,
and the serial interface remains operational.
ENBL has an internal pull-down resistor.
Logic Input Pins
All other logic inputs use a Schmitt trigger input
buffer
with
a hysteresis.
These pins are
compatible with a 3.3V or 5V logic.
Fault Reporting
The MP6606 provides an nFAULT pin that
reports if a fault condition (such as over-current
protection
(OCP)
or
over-temperature
protection (OTP)) occurs. nFAULT is an open-
drain output that is driven low if a fault condition
occurs. If the fault condition is removed,
nFAULT is pulled high by an external pull-up
resistor.
Over-Current Protection (OCP)
OCP circuitry limits the current through the
MOSFETs by disabling the gate driver. If OUTx
exceeds the over-current threshold for longer
than the over-current deglitch time, all the
MOSFETs are disabled, and nFAULT is driven
low. The driver automatically re-enables itself
after a period of time.
Input Under-Voltage Lockout (UVLO)
Protection
If the voltage on the VIN (VIN) pin falls below the
under-voltage lockout (UVLO) threshold, all of
the circuitry in the device is disabled, and the
internal logic is reset. Operation resumes when
VIN rises above the UVLO threshold.
Thermal Shutdown
If the die temperature exceeds its safe limits,
the outputs are disabled, and nFAULT is driven
low. Operation resumes automatically when the
die temperature returns to a safe level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com