Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6606GF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6606GF
Description  60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6606GF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6606GF Datasheet HTML 1Page - Monolithic Power Systems MP6606GF Datasheet HTML 2Page - Monolithic Power Systems MP6606GF Datasheet HTML 3Page - Monolithic Power Systems MP6606GF Datasheet HTML 4Page - Monolithic Power Systems MP6606GF Datasheet HTML 5Page - Monolithic Power Systems MP6606GF Datasheet HTML 6Page - Monolithic Power Systems MP6606GF Datasheet HTML 7Page - Monolithic Power Systems MP6606GF Datasheet HTML 8Page - Monolithic Power Systems MP6606GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP6606
– 60V, 8-CHANNEL LOW-SIDE DRIVER WITH SERIAL INTERFACE
MP6606 Rev. 1.0
MonolithicPower.com
2
3/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MSL Rating
MP6606GF
TSSOP-20EP
See Below
2A
* For Tape & Reel, add suffix -Z (e.g. MP6606GF-Z).
TOP MARKING
MPS: MPS prefix
YY: Year code
WW: Week code
MP6606: part number
LLLLLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
OUT5
OUT7
OUT8
nSCS
GND
1
ENBL
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
nFAULT
SDO
LATCH
VCLAMP
SCK
RESET
SDI
OUT6
GND
OUT4
OUT3
OUT2
OUT1
VIN
GND
TSSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com