Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6606GF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6606GF
Description  60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6606GF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6606GF Datasheet HTML 1Page - Monolithic Power Systems MP6606GF Datasheet HTML 2Page - Monolithic Power Systems MP6606GF Datasheet HTML 3Page - Monolithic Power Systems MP6606GF Datasheet HTML 4Page - Monolithic Power Systems MP6606GF Datasheet HTML 5Page - Monolithic Power Systems MP6606GF Datasheet HTML 6Page - Monolithic Power Systems MP6606GF Datasheet HTML 7Page - Monolithic Power Systems MP6606GF Datasheet HTML 8Page - Monolithic Power Systems MP6606GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP6606
– 60V, 8-CHANNEL LOW-SIDE DRIVER WITH SERIAL INTERFACE
MP6606 Rev. 1.0
MonolithicPower.com
3
3/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
7
VIN
Input supply voltage. Decouple the VIN pin to ground with a minimum 100nF ceramic
capacitor. Additional bulk capacitance may be required.
11, 20
GND
Power ground.
6
VCLAMP
High side clamp. Connect the VCLAMP pin to a TVS or Zener diode then connect this
pin to VIN to clamp the leakage inductance spike.
4
SDI
Serial data input. The SDI pin has an internal pull-down resistor.
5
SCK
Serial clock input. The SCK pin has an internal pull-down resistor.
3
SDO
Serial data output. The SDO pin is an open-drain output that requires an external pull-up
resistor if used.
1
nSCS
Serial chip selection. The nSCS pin is an active low serial peripheral interface (SPI)
selector. nSCS has an internal pull-down resistor.
8
LATCH
Latch input. The LATCH pin has an internal pull-down resistor.
10
RESET
Device reset input. Drive the RESET pin active high to initialize the digital logic. RESET
has an internal pull-down resistor.
9
ENBL
Enable input. Drive the ENBL pin to logic low to disable the outputs; drive ENBL to logic
high to enable the outputs. The state of ENBL does not affect the serial interface. ENBL
has an internal pull-down resistor.
2
nFAULT
Fault indication. The nFAULT pin is an open-drain output that requires an external pull-
up resistor if used. nFAULT is driven low if a fault condition occurs.
19
OUT1
Output terminal 1.
18
OUT2
Output terminal 2.
17
OUT3
Output terminal 3.
16
OUT4
Output terminal 4.
15
OUT5
Output terminal 5.
14
OUT6
Output terminal 6.
13
OUT7
Output terminal 7.
12
OUT8
Output terminal 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com