Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6606GF Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6606GF
Description  60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6606GF Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6606GF Datasheet HTML 8Page - Monolithic Power Systems MP6606GF Datasheet HTML 9Page - Monolithic Power Systems MP6606GF Datasheet HTML 10Page - Monolithic Power Systems MP6606GF Datasheet HTML 11Page - Monolithic Power Systems MP6606GF Datasheet HTML 12Page - Monolithic Power Systems MP6606GF Datasheet HTML 13Page - Monolithic Power Systems MP6606GF Datasheet HTML 14Page - Monolithic Power Systems MP6606GF Datasheet HTML 15Page - Monolithic Power Systems MP6606GF Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP6606
– 60V, 8-CHANNEL LOW-SIDE DRIVER WITH SERIAL INTERFACE
MP6606 Rev. 1.0
MonolithicPower.com
12
3/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the External Components
The MP6606 requires a 100nF, X7R ceramic
bypass capacitor at the VIN pin. In addition,
place a larger-value ceramic capacitor (4.7µF at
minimum) nearby. Additional capacitance may
be recommended. For example, if the device is
located far away from the other capacitors
located at VIN, it is recommended to place an
electrolytic bulk capacitor at the input power
supply side.
The VCLAMP pin dissipates the energy in an
inductive load when the current is turned off.
Depending on the application, VCLAMP can be
connected directly to VIN, or to a TVS diode
that is also connected to VIN.
Connecting VCLAMP to VIN is equivalent to
connecting a diode from each output to VIN. A
TVS diode allows the voltage on the output pins
to rise above VIN until the TVS diode breaks
down. This increased voltage allows the current
through the load to decay faster. This is
typically recommended for applications with
high-speed operation using unipolar stepper
motors.
Select the TVS diode’s breakdown voltage such
that
the VCLAMP
pin
remains below
its
maximum ratings. Note that TVS breakdown
voltage may be higher than expected, as this
value is rated for lower currents.
For VIN supply voltages of up to 24V, a 24V
TVS diode is recommended. That ensures that
the VCLAMP pin voltage stays within its limits.
PCB Layout Guidelines
PCB layout is vital for stable operation. For the
best results, follow the guidelines below and
refer to Figure 5:
1. Place the bypass capacitors near the IC
2. Place the VCLAMP TVS diode (if used)
near the IC.
3. Place thermal vias under the exposed pad
to help dissipate heat from the device to a
plane either on the inner layer or on the
back side of the PCB.
Figure 5: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com