Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6606GF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6606GF
Description  60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6606GF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6606GF Datasheet HTML 1Page - Monolithic Power Systems MP6606GF Datasheet HTML 2Page - Monolithic Power Systems MP6606GF Datasheet HTML 3Page - Monolithic Power Systems MP6606GF Datasheet HTML 4Page - Monolithic Power Systems MP6606GF Datasheet HTML 5Page - Monolithic Power Systems MP6606GF Datasheet HTML 6Page - Monolithic Power Systems MP6606GF Datasheet HTML 7Page - Monolithic Power Systems MP6606GF Datasheet HTML 8Page - Monolithic Power Systems MP6606GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP6606
– 60V, 8-CHANNEL LOW-SIDE DRIVER WITH SERIAL INTERFACE
MP6606 Rev. 1.0
MonolithicPower.com
4
3/11/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VIN) ..................... -0.3V to +65V
OUTx voltage (VOUTx) ................... -0.7V to +65V
Clamp voltage (VCLAMP) ................ -0.7V to +65V
All other pins to GND .................. -0.3V to +6.5V
Continuous power dissipation (TA = 25°C) (2)
..................................................................3.1W
Storage temperature ................ -55°C to +150°C
Junction temperature ............................... 150°C
Lead temperature (solder) ....................... 260°C
ESD Ratings
Human body model (HBM)
……………….. ±2kV
Ch
arged device model (CDM) …………… ±2kV
Recommended Operating Conditions (3)
Supply voltage (VIN) ........................ 4.5V to 60V
Output voltage (VOUTx)...........................0 to 60V
Maximum output current for low-side FETs (ILSX)
……………..............................................750mA
Maximum output current for high-side diodes
(IHSX) …………….…750mA at duty cycles <20%
Operating junction temp (TJ). ... -40°C to +125°C
Thermal Resistance (4)
θJA
θJC
TSSOP-20EP
…………………..40........8....°C/W
Notes:
1)
Exceeding these ratings may damage the device.
2)
The maximum allowable power dissipation is a function of the
maximum junction temperature, TJ (MAX), the junction-to-
ambient
thermal
resistance,
θJA,
and
the
ambient
temperature, TA. The maximum allowable continuous power
dissipation at any ambient temperature is calculated by PD
(MAX) = (TJ (MAX) - TA) /
θJA. Exceeding the maximum
allowable power dissipation can produce an excessive die
temperature, and the regulator may go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3)
The device is not guaranteed to function outside of its
operating conditions.
4)
Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com