Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70-07S Datasheet(PDF) 1 Page - STMicroelectronics

Part # BAS70-07S
Description  RF DETECTION DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70-07S Datasheet(HTML) 1 Page - STMicroelectronics

  BAS70-07S Datasheet HTML 1Page - STMicroelectronics BAS70-07S Datasheet HTML 2Page - STMicroelectronics BAS70-07S Datasheet HTML 3Page - STMicroelectronics BAS70-07S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
BAS70-07S / BAS70-08S
®
December 2001 - Ed: 2A
RF DETECTION DIODE
s
LOW DIODE CAPACITANCE
s
LOW SERIES INDUCTANCE AND RESISTANCE
s
SURFACE MOUNT PACKAGE
FEATURES AND BENEFITS
Dual and Triple Schottky diode in SOT323-6L
package. This diode is intented to be used in RF
application for signal detection and temperature
compensation.
DESCRIPTION
SOT323-6L
Symbol
Parameter
Value
Unit
VR
Continuous reverse voltage
70
V
IF
Continuous forward current
70
mA
IFRM
Repetitive peak forward current
70
mA
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
1
A
P
Power Dissipation
Ta = 55°C
250
mW
Tstg
Storage temperature range
- 65 to +150
°C
Tj
Maximum junction temperature
150
°C
TL
Maximum temperature for soldering
260
°C
ABSOLUTE RATINGS (limiting values)
1
2
3
6
5
4
BAS70-07S SCHEMATIC DIAGRAM
1
2
3
6
5
4
BAS70-08S SCHEMATIC DIAGRAM


Similar Part No. - BAS70-07S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70-07S PHILIPS-BAS70-07S Datasheet
52Kb / 8P
Schottky barrier double diode
1998 Jul 10
BAS70-07S PHILIPS-BAS70-07S Datasheet
137Kb / 20P
General-purpose Schottky diodes
Rev. 08-4 May 2006
BAS70-07S NXP-BAS70-07S Datasheet
224Kb / 20P
General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS70-07S NXP-BAS70-07S Datasheet
224Kb / 20P
General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
BAS70-07S NEXPERIA-BAS70-07S Datasheet
903Kb / 8P
General-purpose dual Schottky diode
1 January 2023
More results

Similar Description - BAS70-07S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDD15 STMICROELECTRONICS-STDD15 Datasheet
42Kb / 6P
LOW CAPACITANCE DETECTION DIODE
Aug-2002
logo
Renesas Technology Corp
HSB285S RENESAS-HSB285S Datasheet
48Kb / 5P
SILICON SCHOTTKY BARRIER DIODE FOR HIGH FREQUENCY DETECTION
HSC285 RENESAS-HSC285 Datasheet
46Kb / 5P
SILICON SCHOTTKY BARRIER DIODE FOR HIGH FREQUENCY DETECTION
logo
Vishay Siliconix
BAR65V-02V VISHAY-BAR65V-02V Datasheet
63Kb / 4P
RF PIN Diode
23-Oct-02
logo
Renesas Technology Corp
HSU285 RENESAS-HSU285 Datasheet
40Kb / 5P
Silicon Schottky Barrier Diode for High frequency detection
logo
STMicroelectronics
STDD15-07P6 STMICROELECTRONICS-STDD15-07P6 Datasheet
24Kb / 3P
LOW CAPACITANCE DETECTION DIODE
Nov-2003
logo
NXP Semiconductors
DA90 PHILIPS-DA90 Datasheet
84Kb / 3P
R.F. BATTERY DIODE FOR SIGNAL DETECTION
1.1.1954
logo
Guangdong Kexin Industr...
BAR65V-02V KEXIN-BAR65V-02V Datasheet
31Kb / 1P
RF PIN Diode
BAR63V-02V KEXIN-BAR63V-02V Datasheet
32Kb / 1P
RF PIN Diode
logo
Rohm
RB851Y ROHM-RB851Y_15 Datasheet
1Mb / 7P
Detection Schottky Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com