Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70-07S Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAS70-07S
Description  RF DETECTION DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70-07S Datasheet(HTML) 4 Page - STMicroelectronics

  BAS70-07S Datasheet HTML 1Page - STMicroelectronics BAS70-07S Datasheet HTML 2Page - STMicroelectronics BAS70-07S Datasheet HTML 3Page - STMicroelectronics BAS70-07S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BAS70-07S / BAS70-08S
4/4
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE MECHANICAL DATA
SOT323-6L
A2
A
A1
E
b
HE
D
e
e
Q1
c
0.3mm
1mm
1mm
0.35mm
2.9mm
FOOTPRINT DIMENSIONS (millimeters)
Type
Marking
Package
Weight
Base qty
Delivery mode
BAS70-07S
D32
SOT323-6L
0.006g
3000
Tape & reel
BAS70-08S
D33
s
Epoxy meets UL94, V0
MARKING
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.8
1.1
0.031
0.043
A1
0
0.1
0
0.004
A2
0.8
1
0.031
0.039
b
0.15
0.3
0.006
0.012
c
0.1
0.18
0.004
0.007
D
1.8
2.2
0.071
0.086
E
1.15
1.35
0.045
0.053
e
0.65 Typ.
0.025 Typ.
HE
1.8
2.4
0.071
0.094
Q1
0.1
0.4
0.004
0.016



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com