Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70-07S Datasheet(PDF) 3 Page - STMicroelectronics

Part # BAS70-07S
Description  RF DETECTION DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70-07S Datasheet(HTML) 3 Page - STMicroelectronics

  BAS70-07S Datasheet HTML 1Page - STMicroelectronics BAS70-07S Datasheet HTML 2Page - STMicroelectronics BAS70-07S Datasheet HTML 3Page - STMicroelectronics BAS70-07S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS70-07S / BAS70-08S
3/4
1.E-01
1.E+00
1.E+01
1.E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VFM(V)
Tj=150°C
Tj=150°C
Tj=125°C
Tj=125°C
Tj=85°C
Tj=85°C
Tj=25°C
Tj=25°C
Tj=-40°C
Tj=-40°C
IFM(mA)
Fig. 1: Forward voltage drop versus forward
current (typical values).
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
1020
3040
5060
70
IR(µA)
VR(V)
Tj = 150°C
Tj = 25°C
Tj = 85°C
Fig. 2: Reverse leakage current versus reverse
voltage applied (typical values).
10
100
1000
0.1
1.0
10.0
Rf( )
Ω
IF(mA)
F = 10kHz
Tj = 25°C
Fig. 3: Differential forward resistance versus
forward current (typical values).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0
102030
40506070
C(pF)
VR(V)
F = 1MHz
Vosc = 30mV
Tj = 25°C
RMS
Fig. 4: Junction capacitance versus reverse
voltage applied (typical values).
10.0
100.0
1000.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Zth(j-a)(°C/W)
tp(s)
Fig. 5: Variation of thermal impedance junction to
ambient versus pulse duration (printed circuit
board, epoxy FR4).
300
350
400
450
500
550
600
0
5
10
15
20
25
30
35
40
45
50
Rth(j-a)
S(mm²)
Fig. 6: Thermal resistance junction to ambient
versus copper surface under each lead (printed
circuit board, epoxy FR4).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com