Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70-07S Datasheet(PDF) 2 Page - STMicroelectronics

Part # BAS70-07S
Description  RF DETECTION DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70-07S Datasheet(HTML) 2 Page - STMicroelectronics

  BAS70-07S Datasheet HTML 1Page - STMicroelectronics BAS70-07S Datasheet HTML 2Page - STMicroelectronics BAS70-07S Datasheet HTML 3Page - STMicroelectronics BAS70-07S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS70-07S / BAS70-08S
2/4
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
VF
Forward voltage drop
IF = 1 mA
0.41
V
IF = 10 mA
0.75
V
IF =15mA
1
V
IR
Reverse leakage current
VR =70V
10
µA
VBR
Breakdown voltage
IR =10µA
70
V
STATIC ELECTRICAL CHARACTERISTICS (Tj = 25°C otherwise specified)
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
C
Junction capacitance
VR =0V
F=1MHz
2
pF
RF
Differential forward
resistance
IF = 10 mA
F = 100 MHz
30
Ohm
Ls
Series inductance
1.5
nH
ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient on printed circuit board FR4
with recommended pad layout
500
°C/W
THERMAL RESISTANCE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com