Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG2001T1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMG2001T1
Description  Gallium Arsenide CATV Integrated Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG2001T1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMG2001T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MMG2001T1
3
RF Device Data
Freescale Semiconductor
RF
INPUT
Figure 3. MMG2001T1 50-870 MHz Test Circuit Schematic
RF
OUTPUT
D2
Pin 7
C6
Pin 5
Pin 6
T1
VCC
C1
T2
C10
C4
C3
C7
R13
R9
R11
R12
C5
Pin 3
Pin 4
Pin 15
Pin 13
Pin 11
R15
R16
R17
C9
D3
C8
R14
R10
R8
Q1
R1
R5
R2
R3
R6
R7
R18
R4
Q2
C2
C11
D1
T3
Table 6. MMG2001T1 50-870 MHz Test Circuit Component Designations and Values
Designation
Description
C1, C7, C8, C11
220 pF Chip Capacitors (0603)
C2, C3, C4, C9, C10
0.01 mF Chip Capacitors (0603)
C5, C6
1.8 pF Chip Capacitors (0603)
D1
5.1 V Zener Diode, On/MM3Z5V1T1
D2
27 V Zener Diode, On/MM3Z27VT1
D3
Transient Voltage Suppressor, On/1.5k27A/1.5SMC27AT3
Q1, Q2
Dual Transistors Package, On/MBT3904DW1T1
R1
2.2 kW, 1/4 W Chip Resistor (1206)
R2
680 W Chip Resistor (0603)
R3
180 W Chip Resistor (0603)
R4
1600 W Chip Resistor (0603)
R5
820 W Chip Resistor (0603)
R6
120 W Chip Resistor (0603)
R7
1.5 kW Chip Resistor (0603)
R8
8 W, 1 W Chip Resistor (2512)
R9, R10, R15
470 W Chip Resistors (0603)
R11, R12
18 W Chip Resistors (0603)
R13, R14
680 W Chip Resistors (0603)
R16
2.4 kW Chip Resistor (0603)
R17
6.2 kW Chip Resistor (0603)
R18
0 W Chip Resistor (0603)
T1
Input Transformer, 77PC016E080
T2
Output Transformer, 77PC016E071
T3
Output Transformer, 77PC016E072
PCB
FR4, 62 mil, εr = 4.81



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com