Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG2001T1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMG2001T1
Description  Gallium Arsenide CATV Integrated Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG2001T1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMG2001T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MMG2001T1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
600
−85
−60
0
f, FREQUENCY (MHz)
Figure 5. Composite Triple Beat versus
Frequency
79 Channels, 13.5 dB Tilt @ 870 MHz
−65
−70
−75
−80
400
200
56 dBmV
54 dBmV
48 dBmV
50 dBmV
52 dBmV
58 dBmV
60 dBmV
50 dBmV
56 dBmV
600
−90
−70
0
f, FREQUENCY (MHz)
Figure 6. Composite Second Order versus
Frequency
−75
−80
−85
400
200
79 Channels, 13.5 dB Tilt @ 870 MHz
54 dBmV
48 dBmV
52 dBmV
60 dBmV
58 dBmV
600
−90
−55
0
f, FREQUENCY (MHz)
Figure 7. Cross Modulation Distortion versus
Frequency
−60
−65
−70
−75
−80
−85
400
200
50 dBmV
56 dBmV
79 Channels, 13.5 dB Tilt @ 870 MHz
54 dBmV
48 dBmV
52 dBmV
60 dBmV
58 dBmV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com