Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG2001T1 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMG2001T1
Description  Gallium Arsenide CATV Integrated Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG2001T1 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

  MMG2001T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MMG2001T1
7
RF Device Data
Freescale Semiconductor
PACKAGE DIMENSIONS
CASE 978-03
ISSUE C
DIM
MIN
MAX
MILLIMETERS
A
2.000
2.300
A1
0.025
0.100
A2
1.950
2.100
D
6.950
7.100
D1
4.372
5.180
E
8.850
9.150
E1
6.950
7.100
E2
4.372
5.180
L
0.466
0.720
L1
0.250 BSC
b
0.300
0.432
b1
0.300
0.375
c
0.180
0.279
c1
0.180
0.230
e
0.800 BSC
h
−−−
0.600
q
0
7
aaa
0.200
bbb
0.200
ccc
0.100
NOTES:
1. CONTROLLING DIMENSION: MILLIMETER.
2. DIMENSIONS AND TOLERANCES PER ASME
Y14.5M, 1994.
3. DATUM PLANE −H− IS LOCATED AT BOTTOM OF
LEAD AND IS COINCIDENT WITH THE LEAD
WHERE THE LEAD EXITS THE PLASTIC BODY AT
THE BOTTOM OF THE PARTING LINE.
4. DIMENSIONS D AND E1 DO NOT INCLUDE MOLD
PROTRUSION. ALLOWABLE PROTRUSION IS
0.250 PER SIDE. DIMENSIONS D AND E1 DO
INCLUDE MOLD MISMATCH AND ARE
DETERMINED AT DATUM PLANE −H−.
5. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION IS 0.127 TOTAL IN EXCESS OF THE
b DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. DATUMS −A− AND −B− TO BE DETERMINED AT
DATUM PLANE −H−.
BOTTOM VIEW
D1
E2
16
9
8
1
__
S
B
M
bbb
C
D
X 45
_
h
E1
8X
E
A2
A
SEATING
PLANE
DATUM
PLANE
GAUGE
PLANE
1.000
L
W
W
0.039
A1
ccc C
DETAIL Y
SECT W-W
c
c1
b1
b
S
A
M
aaa
C
q
A
B
H
C
Y
PFP-16



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com