Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMG2001T1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMG2001T1
Description  Gallium Arsenide CATV Integrated Amplifier Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG2001T1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMG2001T1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG2001T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Will be replaced by MMG2001NT1 in Q305. N suffix indicates 260°C reflow capable.
The PFP-16 package has had lead-free terminations from its initial release.
MMG2001T1
1
RF Device Data
Freescale Semiconductor
Gallium Arsenide
CATV Integrated Amplifier Module
Features
• Specified for 79-, 112- and 132-Channel Loading
• Excellent Distortion Performance
• Higher Output Capability
• Built-in Input Diode Protection
• GaAs FET Transistor Technology
• Unconditionally Stable Under All Load Conditions
• In Tape and Reel. T1 Suffix = 1,000 Units per 16 mm, 13 inch Reel.
Applications
• CATV Systems Operating in the 40 to 870 MHz Frequency Range
• Output Stage Amplifier in Optical Nodes, Line Extenders and Trunk
Distribution Amplifiers for CATV Systems
• Driver Amplifier in Linear General Purpose Applications
Description
• 24 Vdc Supply, 40 to 870 MHz, CATV Integrated Forward Power Doubler
Amplifier Module
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
RF Voltage Input (Single Tone)
Vin
+70
dBmV
DC Supply Voltage
VCC
+26
Vdc
Operating Case Temperature Range
TC
-20 to +100
°C
Storage Temperature Range
Tstg
-40 to +100
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
4.7
°C/W
Document Number: MMG2001
Rev. 3, 7/2005
Freescale Semiconductor
Technical Data
MMG2001T1
CASE 978-03
PFP-16
870 MHz
21 dB GAIN
132-CHANNEL
CATV INTEGRATED AMPLIFIER
MODULE
16
1
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
(Top View)
9
N.C.
N.C.
VG1
VS1
VC
VS2
VG2
N.C.
N.C.
VD3
N.C.
VGC
N.C.
VD4
N.C.
N.C.
Q1
Q2
RS1
RS2
RG3
RG4
Q3
Q4
Pin 15
Pin 13
Pin 11
Pin 3
Pin 5
Pin 7
Pin 6
Pin 4
Figure 1. Functional Diagram
Figure 2. Pin Connections
Note: Exposed backside flag is source
terminal for transistors.
 Freescale Semiconductor, Inc., 2005. All rights reserved.


Similar Part No. - MMG2001T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMG2001R2 MOTOROLA-MMG2001R2 Datasheet
365Kb / 8P
GALLIUM ARSENIDE CATV INTEGRATED AMPLIFIER MODULE
More results

Similar Description - MMG2001T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW9276 MOTOROLA-MHW9276 Datasheet
260Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9236 MOTOROLA-MHW9236 Datasheet
271Kb / 4P
GALLIUM ARSENIDE CATV AMPLIFIER MODULE
MHW9267A MOTOROLA-MHW9267A Datasheet
246Kb / 4P
Gallium Arsenide CATV Amplifier Module
MMG1001R2 MOTOROLA-MMG1001R2 Datasheet
312Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
MMG2001R2 MOTOROLA-MMG2001R2 Datasheet
365Kb / 8P
GALLIUM ARSENIDE CATV INTEGRATED AMPLIFIER MODULE
MHW9186A MOTOROLA-MHW9186A Datasheet
78Kb / 4P
Gallium Arsenide CATV Amplifier Module
logo
Freescale Semiconductor...
MMG1001NT1 FREESCALE-MMG1001NT1 Datasheet
139Kb / 9P
Gallium Arsenide CATV Integrated Amplifier Module
MMG1001R2 FREESCALE-MMG1001R2 Datasheet
139Kb / 8P
Gallium Arsenide CATV Integrated Amplifier Module
MHW9247AN FREESCALE-MHW9247AN Datasheet
74Kb / 4P
Gallium Arsenide CATV Amplifier Module
logo
NXP Semiconductors
MMG1001NT1 NXP-MMG1001NT1 Datasheet
181Kb / 9P
Gallium Arsenide CATV Integrated Amplifier Module
Rev. 8, 3/2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com