Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # MASTERGAN2
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2 Datasheet(HTML) 5 Page - STMicroelectronics

  MASTERGAN2 Datasheet HTML 1Page - STMicroelectronics MASTERGAN2 Datasheet HTML 2Page - STMicroelectronics MASTERGAN2 Datasheet HTML 3Page - STMicroelectronics MASTERGAN2 Datasheet HTML 4Page - STMicroelectronics MASTERGAN2 Datasheet HTML 5Page - STMicroelectronics MASTERGAN2 Datasheet HTML 6Page - STMicroelectronics MASTERGAN2 Datasheet HTML 7Page - STMicroelectronics MASTERGAN2 Datasheet HTML 8Page - STMicroelectronics MASTERGAN2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
3.2
Recommended operating conditions
Table 3. Recommended operating conditions
Each voltage referred to GND unless otherwise specified
Symbol
Parameter
Note
Min Max Unit
VS
High voltage bus
0
520
V
VCC
Supply voltage
4.75
9.5
V
PVCC-PGND PVCC to PGND low side supply voltage (1)
4.75
6.5
V
Best performance
5
6.5
V
PVCC
Low-side driver supply voltage
3
8.5
V
VCC-PVCC
VCC to PVCC pin voltage
-3
3
V
PGND
Low-side driver ground(1)
-2
2
V
DT
Suggested minimum deadtime
5
ns
TIN_MIN
Minimum duration of input pulse to obtain undistorted output pulse
120
ns
VBO
BOOT to OUTb pin voltage (2)
4.4
6.5
V
Best performance
5
6.5
V
BOOT
BOOT to GND voltage
0 (3)
530
V
Vi
Logic inputs voltage range
0
20
V
TJ
Junction temperature
-40
125
°C
1. PGND internally connected to SENSE
2. OUTb internally connected to OUT
3. 5 V is recommended during high-hide turn-on
3.3
Thermal data
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth(J-CB)_LS
Thermal resistance Low side junction to SENSE exposed pad, typical
1.9
°C/W
Rth(J-CB)_HS
Thermal resistance High side junction to OUT exposed pad, typical
2.8
°C/W
Rth(J-A)
Thermal resistance junction-to-ambient (1)
17.8
°C/W
1. The junction to ambient thermal resistance is obtained simulating the device mounted on a 2s2p (4 layer) FR4 board as
JESD51-5,7 with 6 thermal vias for each exposed pad. Power dissipation uniformly distributed over the two GaN transistors.
MASTERGAN2
Recommended operating conditions
DS13597 - Rev 2.0
page 5/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com