Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN2 Datasheet(PDF) 28 Page - STMicroelectronics

Part # MASTERGAN2
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button MASTERGAN2 Datasheet HTML 21Page - STMicroelectronics MASTERGAN2 Datasheet HTML 22Page - STMicroelectronics MASTERGAN2 Datasheet HTML 23Page - STMicroelectronics MASTERGAN2 Datasheet HTML 24Page - STMicroelectronics MASTERGAN2 Datasheet HTML 25Page - STMicroelectronics MASTERGAN2 Datasheet HTML 26Page - STMicroelectronics MASTERGAN2 Datasheet HTML 27Page - STMicroelectronics MASTERGAN2 Datasheet HTML 28Page - STMicroelectronics MASTERGAN2 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
List of figures
Figure 1.
MASTERGAN2 block diagram ......................................................... 2
Figure 2.
Pin connection (top view) ............................................................. 3
Figure 3.
Switching time definition ............................................................ 10
Figure 4.
Typ ID_LS vs. VDS at TJ=25°C ......................................................... 10
Figure 5.
Typ ID_LS vs. VDS at TJ=125°C ........................................................ 10
Figure 6.
Typ ID_HS vs. VDS at TJ=25°C......................................................... 11
Figure 7.
Typ ID_HS vs. VDS at TJ=125°C ........................................................ 11
Figure 8.
Typ RDS(on)_LS vs. ID at TJ=25°C....................................................... 11
Figure 9.
Typ RDS(on)_LSvs. ID at TJ=125°C ...................................................... 11
Figure 10.
Typ RDS(on)_HS vs. ID at TJ=25°C ...................................................... 12
Figure 11.
Typ RDS(on)_HS vs. ID at TJ=125°C ..................................................... 12
Figure 12.
Typ ID_LS vs. VDS ................................................................. 12
Figure 13.
Typ ID_HS vs. VDS ................................................................ 12
Figure 14.
Typ RDS(on) vs. TJ normalized at 25°C ................................................... 13
Figure 15.
Typ ISD_LS vs. VSD_LS at TJ=25°C ...................................................... 13
Figure 16.
Typ ISD_LS vs. VSD_LS at TJ=125°C ..................................................... 13
Figure 17.
Typ ISD_HS vs. VSD_HS at TJ=25°C ..................................................... 14
Figure 18.
Typ ISD_HS vs. VSD_HS at TJ=125°C .................................................... 14
Figure 19.
Safe Operating Area (LS) at TJ=25°C ................................................... 14
Figure 20.
Safe Operating Area (HS) at TJ=25°C ................................................... 14
Figure 21.
Typical Gate Charge (LS) at TJ=25°C ................................................... 15
Figure 22.
Typical Gate Charge (HS) at TJ=25°C ................................................... 15
Figure 23.
LS Derating curve ................................................................. 15
Figure 24.
HS Derating curve................................................................. 15
Figure 25.
Typ RDboot vs. TJ ................................................................. 16
Figure 26.
VCC UVLO and Low Side ........................................................... 18
Figure 27.
VBO UVLO and High Side ........................................................... 18
Figure 28.
Thermal shutdown timing waveform .................................................... 19
Figure 29.
Asymmetrical Active clamp flyback ..................................................... 20
Figure 30.
QFN 9 x 9 x 1 mm package dimensions .................................................. 22
Figure 31.
Suggested footprint (top view drawing) .................................................. 23
MASTERGAN2
List of figures
DS13597 - Rev 2.0
page 28/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com