Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # MASTERGAN2
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2 Datasheet(HTML) 4 Page - STMicroelectronics

  MASTERGAN2 Datasheet HTML 1Page - STMicroelectronics MASTERGAN2 Datasheet HTML 2Page - STMicroelectronics MASTERGAN2 Datasheet HTML 3Page - STMicroelectronics MASTERGAN2 Datasheet HTML 4Page - STMicroelectronics MASTERGAN2 Datasheet HTML 5Page - STMicroelectronics MASTERGAN2 Datasheet HTML 6Page - STMicroelectronics MASTERGAN2 Datasheet HTML 7Page - STMicroelectronics MASTERGAN2 Datasheet HTML 8Page - STMicroelectronics MASTERGAN2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
3
Electrical Data
3.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
each voltage referred to GND unless otherwise specified
Symbol
Parameter
Test Condition
Value
Unit
VDS
GaN Drain-to-Source Voltage
TJ = 25 °C
620
V
VCC
Logic supply voltage
-0.3 to 11
V
PVCC-PGND Low-side driver supply voltage (1)
-0.3 to 7
V
VCC-PGND
Logic supply vs. Low-side driver ground
-0.3 to 18.3
V
PVCC
Low-side driver supply vs. logic ground
-0.3 to 18.3
V
PGND
Low-side driver ground vs. logic ground
-7.3 to 11.3
V
VBO
BOOT to OUTb voltage (2)
-0.3 to 7
V
BOOT
Bootstrap voltage
-0.3 to 620
V
CGL, CGH
Maximum external capacitance between GL and PGND and
between GH and OUTb
Fsw = 500 kHz (3)
3.9
nF
RGL, RGH
Minimum external pull-down resistance between GL and
PGND and GH and OUTb
6.8
kΩ
ID
Drain current (Low side GaN transistor)
DC @ TCB = 25°C (4) (5)
9.7
A
DC @ TCB = 100°C(4) (5)
6.4
A
Peak @ TCB = 25°C(4) (5) (6)
17
A
ID
Drain current (High side GaN transistor)
DC @ TCB = 25°C (4) (5)
6.5
A
DC @ TCB = 100°C(4) (5)
4.4
A
Peak @ TCB = 25°C(4) (5) (6)
12
A
SRout
Half-bridge outputs slew rate (10% - 90%)
100
V/ns
Vi
Logic inputs voltage range
-0.3 to 21
V
TJ
Junction temperature
-40 to 150
°C
Ts
Storage temperature
-40 to 150
°C
1. PGND internally connected to SENSE
2. OUTb internally connected to OUT
3. CGx < 0.08/(Pvcc^2*Fsw)-(330*10-12)
4. TCB is temperature of case exposed pad.
5. Range estimated by characterization, not tested in production.
6. Value specified by design factor, pulse duration limited to 50 µs and junction temperature.
MASTERGAN2
Electrical Data
DS13597 - Rev 2.0
page 4/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com