Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASTERGAN2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MASTERGAN2
Description  High power density 600V Half bridge driver with two enhancement mode GaN HEMT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MASTERGAN2 Datasheet(HTML) 1 Page - STMicroelectronics

  MASTERGAN2 Datasheet HTML 1Page - STMicroelectronics MASTERGAN2 Datasheet HTML 2Page - STMicroelectronics MASTERGAN2 Datasheet HTML 3Page - STMicroelectronics MASTERGAN2 Datasheet HTML 4Page - STMicroelectronics MASTERGAN2 Datasheet HTML 5Page - STMicroelectronics MASTERGAN2 Datasheet HTML 6Page - STMicroelectronics MASTERGAN2 Datasheet HTML 7Page - STMicroelectronics MASTERGAN2 Datasheet HTML 8Page - STMicroelectronics MASTERGAN2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Features
•
600 V system-in-package integrating half-bridge gate driver and high-voltage
power GaN transistors in asymmetrical configuration:
–
QFN 9 x 9 x 1 mm package
–
RDS(ON) = 150 mΩ (LS) + 225 mΩ (HS)
–
IDS(MAX) = 10 A (LS) + 6.5 A (HS)
•
Reverse current capability
•
Zero reverse recovery loss
•
UVLO protection on low-side and high-side
•
Internal bootstrap diode
•
Interlocking function
•
Dedicated pin for shutdown functionality
•
Accurate internal timing match
•
3.3 V to 15 V compatible inputs with hysteresis and pull-down
•
Overtemperature protection
•
Bill of material reduction
•
Very compact and simplified layout
•
Flexible, easy and fast design.
Application
•
Switch-mode power supplies
•
Chargers and adapters
•
High-voltage PFC, and DC-DC converters
Description
The MASTERGAN2 is an advanced power system-in-package integrating a gate
driver and two enhancement mode GaN transistors in asymmetrical half
‑bridge
configuration.
The integrated power GaNs have 650 V drain
‑source blocking voltage and RDS(ON)
of 150 mΩ and 225 mΩ for Low side and High side respectively, while the high
side of the embedded gate driver can be easily supplied by the integrated bootstrap
diode.
The MASTERGAN2 features UVLO protection on both the lower and upper
driving sections, preventing the power switches from operating in low efficiency
or dangerous conditions, and the interlocking function avoids cross-conduction
conditions.
The input pins extended range allows easy interfacing with microcontrollers, DSP
units or Hall effect sensors.
The MASTERGAN2 operates in the industrial temperature range, -40°C to 125°C.
The device is available in a compact 9x9 mm QFN package.
Product status link
MASTERGAN2
Product label
High power density 600V Half bridge driver with two enhancement mode GaN
HEMT
MASTERGAN2
Datasheet
DS13597 - Rev 2.0 - June 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - MASTERGAN2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MASTERGAN1 STMICROELECTRONICS-MASTERGAN1 Datasheet
529Kb / 27P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Oct-2020
MASTERGAN1TR STMICROELECTRONICS-MASTERGAN1TR Datasheet
529Kb / 27P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Oct-2020
MASTERGAN4 STMICROELECTRONICS-MASTERGAN4 Datasheet
396Kb / 14P
High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
MASTERGAN4TR STMICROELECTRONICS-MASTERGAN4TR Datasheet
396Kb / 14P
High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
More results

Similar Description - MASTERGAN2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALMASTERGAN4 STMICROELECTRONICS-EVALMASTERGAN4 Datasheet
6Mb / 13P
Demonstration board for MASTERGAN4 high power density half-bridge high voltage driver with two 650 V enhanced mode GaN HEMT
26-Feb-2021
logo
Efficient Power Convers...
EPC2100 EPC-CO-EPC2100 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2101 EPC-CO-EPC2101 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2102 EPC-CO-EPC2102 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2103 EPC-CO-EPC2103 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2105 EPC-CO-EPC2105 Datasheet
2Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2106 EPC-CO-EPC2106 Datasheet
1Mb / 7P
Enhancement-Mode GaN Power Transistor Half-Bridge
EPC2111 EPC-CO-EPC2111 Datasheet
1Mb / 9P
Enhancement-Mode GaN Power Transistor Half-Bridge
logo
STMicroelectronics
MASTERGAN4 STMICROELECTRONICS-MASTERGAN4 Datasheet
396Kb / 14P
High power density 600V half-bridge driver with two enhancement mode GaN Power HEMT
MASTERGAN1 STMICROELECTRONICS-MASTERGAN1 Datasheet
529Kb / 27P
High power density 600V Half bridge driver with two enhancement mode GaN HEMT
21-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com