Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD16640C
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16640C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD16640C Datasheet HTML 2Page - Renesas Technology Corp UPD16640C Datasheet HTML 3Page - Renesas Technology Corp UPD16640C Datasheet HTML 4Page - Renesas Technology Corp UPD16640C Datasheet HTML 5Page - Renesas Technology Corp UPD16640C Datasheet HTML 6Page - Renesas Technology Corp UPD16640C Datasheet HTML 7Page - Renesas Technology Corp UPD16640C Datasheet HTML 8Page - Renesas Technology Corp UPD16640C Datasheet HTML 9Page - Renesas Technology Corp UPD16640C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Data Sheet S11269EJ1V1DS00
4
µµµµ PD16640C
3. PIN FUNCTIONS
Pin Symbol
Pin Name
Description
S1 to S309
Driver output
Output 64 gray scale analog voltages converted from digital signals.
Osel = H : 300 outputs (S1 - S150, S160 - S309)
Osel = L : 309 outputs (S1 - S309)
Output pins S151 to S159 are invalid in 300-output mode.
D00 to D05
Display data input
Inputs 18-bit-wide display gray scale data (6 bits) x 3 dots (RGB).
D10 to D15
DX0 : LSB, DX5 : MSB
D20 to D25
R,/L
Shift direction select input
This pin inputs/outputs start pulses in cascade mode.
Shift direction of shift register is as follows:
R,/L = H : STHR input, S1
→ S309, STHL output
R,/L = L : STHL input, S309
→ S1, STHR output
STHR
Right shift start pulse I/O
R,/L = H : Inputs start pulse
R,/L = L : Outputs start pulse
STHL
Left shift start pulse I/O
R,/L = H : Outputs start pulse
R,/L = L : Inputs start pulse
Osel
Number of output selection
Selects number of outputs. This pin is internally pulled up by VDD1 power
supply.
Osel = H : 300 outputs
Osel = L : 309 outputs
Vsel
Driver voltage selection
Selects driver voltage. This pin is internally pulled up by VDD2 power supply.
Vsel = H : 300 outputs
Vsel = L : 309 outputs
CLK
Shift clock input
Inputs shift clock to shift register. Display data is loaded to data register at
rising edge of this pin.
When Osel = H, start pulse output goes high at rising edge of 100th clock after
start pulse has been input, and serves as start pulse to driver in next stage.
When Osel = L, start pulse output goes high at rising edge of 103rd clock after
start pulse has been input, and serves as start pulse to driver in next stage.
103rd clock of driver in first stage serves as start pulse of driver in next stage.
STB
Latch input
Contents of data register are latched at rising edge, transferred to D/A
converter, and output as analog voltage corresponding to display data.
Contents of internal shift register are cleared after STB has been input. One
pulse of this signal is input when
µPD16640C is started, and then device
operates normally. For STB input timing, refer to 8. SWITCHING
CHARACTERISTIC WAVEFORM.
V0 to V10
γ-corrected power supply
Inputs
γ-corrected power from external source.
VSS2+0.1 V
≤ V10 ≤ V9 ≤ V8 ≤ V7 ≤ V6 ≤ V5 ≤ V4 ≤ V3 ≤ V2 ≤ V1 ≤ V0 ≤VDD2−0.1 V
or
VSS2+0.1 V
≤ V0 ≤ V1 ≤ V2 ≤ V3 ≤ V4 ≤ V5 ≤ V6 ≤ V7 ≤ V8 ≤ V9 ≤ V10 ≤VDD2−0.1 V
Maintain gray scale power supply during gray scale voltage output.
INV
Data inversion input
Input data can be inverted when display data is loaded.
INV = H : Inverts and loads input data.
INV = L : Does not invert input data.
VDD1
Logic circuit power supply
3.3 V
± 0.3 V
VDD2
Driver circuit power supply
Vsel = H : VDD2 = 3.3 V
± 0.3 V
Vsel = L : VDD2 = 5.0 V
± 0.5 V
VSS1
Logic ground
Ground
VSS2
Driver ground
Ground
Caution
Be sure to turn on power in the order VDD1, logic input, VDD2, and gray scale power (V0 to V10),
and turn off power in the reverse order, to prevent the
µµµµ PD16640C from being damaged by latchup.
Be sure to observe this power sequence even during a transition period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com