Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPD16640C
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16640C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPD16640C Datasheet HTML 3Page - Renesas Technology Corp UPD16640C Datasheet HTML 4Page - Renesas Technology Corp UPD16640C Datasheet HTML 5Page - Renesas Technology Corp UPD16640C Datasheet HTML 6Page - Renesas Technology Corp UPD16640C Datasheet HTML 7Page - Renesas Technology Corp UPD16640C Datasheet HTML 8Page - Renesas Technology Corp UPD16640C Datasheet HTML 9Page - Renesas Technology Corp UPD16640C Datasheet HTML 10Page - Renesas Technology Corp UPD16640C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet S11269EJ1V1DS00
5
µµµµ PD16640C
4. RELATION BETWEEN INPUT DATA AND OUTPUT VOLTAGE VALUE
The 11 major points on the
γ-characteristic curve of the LCD panel are arbitrarily set by external power supplies V0
through V10. If the display data is 00H or 3FH, gray scale voltage V0 or V10 is output. If the display data is in the
range 01H to 3EH, the high-order 3 bits select an external powers pair Vn+1, Vn. The low-order 3 bits evenly divide
the range of Vn+1, Vn into eight segments by means of D/A conversion (however, the ranges from V9 to V8 and from V2
to V1 are divided into seven segments) to output a 64-grayscale voltage.
DX5
(MSB)
DX4
DX3
DX2
DX1
DX0
(LSB)
DX5
DX4
DX3
Vn+1-Vn
00
0
V1-V2
00
1
V2-V3
01
0
V3-V4
01
1
V4-V5
10
0
V5-V6
10
1
V6-V7
11
0
V7-V8
11
1
V8-V9
Vn
Vn+1
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
DX2-DX0
High-order 3 bits :
γ-corrected power selected
(Vn+1-Vn)
Low-order 3 bits : 3-bit D/A
(range Vn-Vn+1 is divided into 7 or 8 segments)
Figure 4-1. Relation between Input Data and
γγγγ -corrected Voltage
0.1 V
0.1 V
V1
V2
V3
V4
V5
V6
V7
V8
V9
07
F
17
1F
Input data (HEX)
27
2F
37
3F
VDD2
V0
VSS2
V10
gray scale supply specified
by 00H
7 segments
8 segments
8 segments
8 segments
8 segments
8 segments
8 segments
7 segments
gray scale supply specified
by 3FH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com