Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640C Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # UPD16640C
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16640C Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button UPD16640C Datasheet HTML 10Page - Renesas Technology Corp UPD16640C Datasheet HTML 11Page - Renesas Technology Corp UPD16640C Datasheet HTML 12Page - Renesas Technology Corp UPD16640C Datasheet HTML 13Page - Renesas Technology Corp UPD16640C Datasheet HTML 14Page - Renesas Technology Corp UPD16640C Datasheet HTML 15Page - Renesas Technology Corp UPD16640C Datasheet HTML 16Page - Renesas Technology Corp UPD16640C Datasheet HTML 17Page - Renesas Technology Corp UPD16640C Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Data Sheet S11269EJ1V1DS00
13
µµµµ PD16640C
9. RECOMMENDED MOUNTING CONDITIONS
The following conditions must be met for mounting conditions of the
µPD16640C.
For more details, refer to the Semiconductor Device Mounting Technology Manual(C10535E).
Please consult with our sales offices in case other mounting process is used, or in case the mounting is done under
different conditions.
µ PD16640CN-xxx : TCP(TAB Package)
Mounting Condition
Mounting Method
Condition
Thermocompression
Soldering
Heating tool 300 to 350
°C, heating for 2 to 3 sec ; pressure 100g(per
solder)
ACF
(Adhesive Conductive
Film)
Temporary bonding 70 to 100
°C ; pressure 3 to 8 kg/cm2; time 3 to 5
sec. Real bonding 165 to 180
°C pressure 25 to 45 kg/cm2 time 30 to
40secs(When using the anisotropy conductive film SUMIZAC1003 of
Sumitomo Bakelite,Ltd).
Caution
To find out the detailed conditions for mounting the ACF part, please contact the ACF
manufacturing company. Be sure to avoid using two or more mounting methods at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com